Electronic Components Datasheet Search
  English  ▼

X  

HA-5135 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HA-5135
Description  2.5MHz, Precision Operational Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5135 Datasheet(HTML) 6 Page - Intersil Corporation

  HA-5135 Datasheet HTML 1Page - Intersil Corporation HA-5135 Datasheet HTML 2Page - Intersil Corporation HA-5135 Datasheet HTML 3Page - Intersil Corporation HA-5135 Datasheet HTML 4Page - Intersil Corporation HA-5135 Datasheet HTML 5Page - Intersil Corporation HA-5135 Datasheet HTML 6Page - Intersil Corporation HA-5135 Datasheet HTML 7Page - Intersil Corporation HA-5135 Datasheet HTML 8Page - Intersil Corporation HA-5135 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
FIGURE 5. ZERO CROSSING DETECTOR
FIGURE 6. PRECISION INSTRUMENTATION AMPLIFIER
2
1
7
8
+
4
3
5
6
OUT
RIN
INPUT
OPTIONAL FOR OUTPUT
SWING LIMITING
OUTPUT
±13V
200
µs/DIV.
INPUT
±5mV
200
µs/DIV.
RF
-
4.5k
Ω
500
Ω
4.5k
Ω
HA-5135
-15V
+15V
2k
Ω
2k
Ω
2k
Ω
HA-5135
+15V
2k
Ω
-15V
HA-5135
NOTE: AV = 100
+
-
+
-
+
-
Typical Performance Curves
FIGURE 7. INPUT OFFSET VOLTAGE, INPUT BIAS AND
OFFSET CURRENT vs TEMPERATURE
FIGURE 8. INPUT BIAS CURRENT vs DIFFERENTIAL INPUT
VOLTAGE
80
70
60
50
40
-80
40
160
TEMPERATURE (oC)
INPUT BIAS CURRENT
30
20
10
120
80
-40
0
INPUT OFFSET CURRENT
TYPICAL
0
4
3
2
1
0
4
2
0
-4
-2
|VOS|
6
4
2
-10
-4
-2
DIFFERENTIAL INPUT VOLTAGE (V)
0
-8
-6
10
4
28
6
0
-2
-4
-6
HA-5135



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com