Electronic Components Datasheet Search
  English  ▼

X  

AD8627 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8627
Description  Single-Supply JFET Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8627 Datasheet(HTML) 1 Page - Analog Devices

  AD8627 Datasheet HTML 1Page - Analog Devices AD8627 Datasheet HTML 2Page - Analog Devices AD8627 Datasheet HTML 3Page - Analog Devices AD8627 Datasheet HTML 4Page - Analog Devices AD8627 Datasheet HTML 5Page - Analog Devices AD8627 Datasheet HTML 6Page - Analog Devices AD8627 Datasheet HTML 7Page - Analog Devices AD8627 Datasheet HTML 8Page - Analog Devices AD8627 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Precision Low Power
Single-Supply JFET Amplifiers
Data Sheet
AD8625/AD8626/AD8627
Rev. F
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2003–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
SC70 package
Very low IB: 1 pA max
Single-supply operation: 5 V to 26 V
Dual-supply operation: ±2.5 V to ±13 V
Rail-to-rail output
Low supply current: 630 μA/amp typ
Low offset voltage: 500 μV max
Unity gain stable
No phase reversal
APPLICATIONS
Photodiode amplifiers
ATEs
Line-powered/battery-powered instrumentation
Industrial controls
Automotive sensors
Precision filters
Audio
PIN CONFIGURATIONS
2
3
1
4
5
OUT A
V–
+IN
V+
–IN
AD8627
5-Lead SC70
(KS Suffix)
NC
–IN
V+
2
+IN
OUT
3
V–
NC
4
NC
1
7
6
5
8
AD8627
NC = NO CONNECT
8-Lead SOIC
(R-8 Suffix)
OUT A
–IN A
OUT B
2
+IN A
–IN B
3
V–
+IN B
4
V+
1
7
6
5
8
AD8626
8-Lead SOIC
(R-8 Suffix)
V+
OUT A
OUT B
–IN A
–IN B
+IN A
+IN B
V–
AD8626
8-Lead MSOP
(RM-Suffix)
5
8
4
1
OUT A
OUT D
114
–IN A
–IN D
213
+IN A
+IN D
312
V+
V–
411
+IN B
+IN C
510
–IN B
–IN C
69
OUT B
OUT C
78
AD8625
14-Lead SOIC
(R-Suffix)
OUT D
OUT A
–IN D
–IN A
+IN D
+IN A
V–
V+
+IN C
+IN B
–IN C
–IN B
OUT C
OUT B
AD8625
14-Lead TSSOP
(RU-Suffix)
8
14
7
1
Figure 1.
GENERAL DESCRIPTION
The AD862x is a precision JFET input amplifier. It features
true single-supply operation, low power consumption, and
rail-to-rail output. The outputs remain stable with capacitive
loads of over 500 pF; the supply current is less than 630 μA/amp.
Applications for the AD862x include photodiode transimpedance
amplification, ATE reference level drivers, battery management,
both line powered and portable instrumentation, and remote
sensor signal conditioning, which includes automotive sensors.
The AD862x’s ability to swing nearly rail-to-rail at the input
and rail-to-rail at the output enables it to be used to buffer
CMOS DACs, ASICs, and other wide output swing devices in
single-supply systems.
The 5 MHz bandwidth and low offset are ideal for precision filters.
The AD862x is fully specified over the industrial temperature
range. (−40°C to +85°C). The AD8627 is available in both
5-lead SC70 and 8-lead SOIC surface-mount packages (SC70
packaged parts are available in tape and reel only). The AD8626
is available in MSOP and SOIC packages, while the AD8625 is
available in TSSOP and SOIC packages.


Similar Part No. - AD8627

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8627 AD-AD8627 Datasheet
568Kb / 20P
Precision Low Power Single-Supply JFET Amplifier
1/04-Data sheet changed from Rev. A to Rev. B
AD8627 AD-AD8627 Datasheet
289Kb / 20P
Precision Low Power Single-Supply JFET Amplifiers
Rev. F
AD8627AKS-R2 AD-AD8627AKS-R2 Datasheet
568Kb / 20P
Precision Low Power Single-Supply JFET Amplifier
1/04-Data sheet changed from Rev. A to Rev. B
AD8627AKS-REEL AD-AD8627AKS-REEL Datasheet
568Kb / 20P
Precision Low Power Single-Supply JFET Amplifier
1/04-Data sheet changed from Rev. A to Rev. B
AD8627AKS-REEL7 AD-AD8627AKS-REEL7 Datasheet
568Kb / 20P
Precision Low Power Single-Supply JFET Amplifier
1/04-Data sheet changed from Rev. A to Rev. B
More results

Similar Description - AD8627

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5460 ONSEMI-2N5460 Datasheet
78Kb / 8P
JFET Amplifiers
November, 2001 ??Rev. 3
logo
STMicroelectronics
LF351 STMICROELECTRONICS-LF351_08 Datasheet
622Kb / 14P
Wide bandwidth single JFET operational amplifiers
28-Apr-2008
TL081 STMICROELECTRONICS-TL081_08 Datasheet
338Kb / 15P
General purpose JFET single operational amplifiers
27-Jun-2008
logo
Analog Devices
AD8625 AD-AD8625_13 Datasheet
290Kb / 20P
Precision Low Power Single-Supply JFET Amplifiers
Rev. F
logo
STMicroelectronics
TL061CDT STMICROELECTRONICS-TL061CDT Datasheet
332Kb / 16P
Low power JFET single operational amplifiers
05-Mar-2009
logo
Analog Devices
AD8531 AD-AD8531_15 Datasheet
508Kb / 20P
Single-Supply Amplifiers
Rev. F
AD8532 AD-AD8532_15 Datasheet
508Kb / 20P
Single-Supply Amplifiers
Rev. F
AD8625 AD-AD8625_15 Datasheet
290Kb / 20P
Single-Supply JFET Amplifiers
Rev. F
AD8626 AD-AD8626_15 Datasheet
290Kb / 20P
Single-Supply JFET Amplifiers
Rev. F
logo
Texas Instruments
OPA365-Q1 TI1-OPA365-Q1_16 Datasheet
594Kb / 22P
Single-Supply Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com