Electronic Components Datasheet Search
  English  ▼

X  

HA-5340 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HA-5340
Description  700ns, Low Distortion, Precision Sample and Hold Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5340 Datasheet(HTML) 1 Page - Intersil Corporation

  HA-5340 Datasheet HTML 1Page - Intersil Corporation HA-5340 Datasheet HTML 2Page - Intersil Corporation HA-5340 Datasheet HTML 3Page - Intersil Corporation HA-5340 Datasheet HTML 4Page - Intersil Corporation HA-5340 Datasheet HTML 5Page - Intersil Corporation HA-5340 Datasheet HTML 6Page - Intersil Corporation HA-5340 Datasheet HTML 7Page - Intersil Corporation HA-5340 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 1999
HA-5340
700ns, Low Distortion, Precision Sample
and Hold Amplifier
The HA-5340 combines the advantages of two sample/ hold
architectures to create a new generation of monolithic
sample/hold. High amplitude, high frequency signals can be
sampled with very low distortion being introduced. The
combination of exceptionally fast acquisition time and
specified/characterized hold mode distortion is an industry
first. Additionally, the AC performance is only minimally
affected by additional hold capacitance.
To achieve this level of performance, the benefits of an
integrating output stage have been combined with the
advantages of a buffered hold capacitor. To the user this
translates to a front-end stage that has high bandwidth due to
charging only a small capacitive load and an output stage with
constant pedestal error which can be nulled out using the
offset adjust pins. Since the performance penalty for
additional hold capacitance is low, the designer can further
minimize pedestal error and droop rate without sacrificing
speed.
Low distortion, fast acquisition, and low droop rate are the
result, making the HA-5340 the obvious choice for high
speed, high accuracy sampling systems. For a Military
temperature range version request the HA-5340/883 data
sheet.
Features
• Fast Acquisition Time (0.01%) . . . . . . . . . . . . . . . . . 700ns
• Fast Hold Mode Settling Time (0.01%). . . . . . . . . . . . 200n
• Low Distortion (Hold Mode) . . . . . . . . . . . . . . . . . . -72dBc
(VIN = 200kHz, fS = 450kHz, 5VP-P)
• Bandwidth Minimally Affected By External CH
• Fully Differential Analog Inputs
• Built-In 135pF Hold Capacitor
• Pin Compatible with HA-5320
Applications
• High Bandwidth Precision Data Acquisition Systems
• Inertial Navigation and Guidance Systems
• Ultrasonics
• SONAR
• RADAR
Pinouts
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HA3-5340-5
0 to 75
14 Ld PDIP
E14.3
HA9P5340-5
0 to 75
16 Ld SOIC
M16.3
Functional Diagram
V+
GND
SUPPLY
V-
4
37
ADJUST OFFSET
7
OUT
6
95
13
CCOMP
15pF
120pF
CHOLD
14
2
1
CONTROL
S/H
11
(OPTIONAL)
CHOLD EXTERNAL
-IN
+IN
SIGNAL GND
HA-5340
(PDIP)
TOP VIEW
HA-5340
(SOIC)
TOP VIEW
-IN
+IN
OFFSET ADJ.
OFFSET ADJ.
V-
SIG. GND
OUTPUT
S/H CONTROL
SUPPLY GND
NC
EXTERNAL
NC
V+
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
HOLD CAP.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
-IN
+IN
OFFSET ADJ.
OFFSET ADJ.
NC
V-
OUTPUT
SIG. GND
S/H CONTROL
NC
NC
EXTERNAL
NC
NC
V+
SUPPLY GND
HOLD CAP.
Data Sheet
September 1998
File Number
2859.3


Similar Part No. - HA-5340

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5340 INTERSIL-HA-5340 Datasheet
710Kb / 10P
700ns, Low Distortion, Precision Sample and Hold Amplifier
June 2003
logo
Renesas Technology Corp
HA-5340 RENESAS-HA-5340 Datasheet
818Kb / 10P
700ns, Low Distortion, Precision Sample and Hold Amplifier
June 2003
logo
Intersil Corporation
HA-5340/883 INTERSIL-HA-5340/883 Datasheet
347Kb / 12P
High Speed, Low Distortion, Precision Monolithic Sample and Hold Amplifier
June 1994
HA-5340 INTERSIL-HA-5340_03 Datasheet
710Kb / 10P
700ns, Low Distortion, Precision Sample and Hold Amplifier
June 2003
More results

Similar Description - HA-5340

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5330 INTERSIL-HA-5330 Datasheet
63Kb / 5P
650ns Precision Sample and Hold Amplifier
September 1998
HA5340 INTERSIL-HA5340 Datasheet
347Kb / 12P
High Speed, Low Distortion, Precision Monolithic Sample and Hold Amplifier
June 1994
logo
Linear Technology
LF198A LINER-LF198A Datasheet
1Mb / 16P
Precision Sample and Hold Amplifier
LF398S8 LINER-LF398S8 Datasheet
144Kb / 2P
Precision Sample and Hold Amplifier?
logo
Intersil Corporation
HA-5330 INTERSIL-HA-5330_04 Datasheet
278Kb / 5P
650ns Precision Sample and Hold Amplifier
June 2004
HA-5340 INTERSIL-HA-5340_03 Datasheet
710Kb / 10P
700ns, Low Distortion, Precision Sample and Hold Amplifier
June 2003
logo
Linear Technology
LF398S8 LINER-LF398S8_15 Datasheet
156Kb / 2P
Precision Sample and Hold Amplifier
logo
Intersil Corporation
HA1-5330-5 INTERSIL-HA1-5330-5 Datasheet
283Kb / 5P
650ns Precision Sample and Hold Amplifier
June 2004
logo
Renesas Technology Corp
HA-5330 RENESAS-HA-5330 Datasheet
384Kb / 5P
650ns Precision Sample and Hold Amplifier
June 2004
HA-5340 RENESAS-HA-5340 Datasheet
818Kb / 10P
700ns, Low Distortion, Precision Sample and Hold Amplifier
June 2003
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com