Electronic Components Datasheet Search
  English  ▼

X  

EP18271 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EP18271
Description  Stand-Off Type Pulse Transformers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EP18271 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EP18271 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
Stand-Off Type Pulse Transformers
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• UL94V0 Recognized Materials
• UL1446 Class B Insulating System
• Operating Temperature : 0°C to 70°C
• IR : 10 K meg
Ω Min. 500 Vdc
• Hipot : 500 Vdc
Schematic
EP182XX
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CS182XX
Rev. 2
5/6/03
OCL
Sine Wave
(µH Min.)
2000
500
200
50
20
10
2000
500
200
50
20
10
Leakage
Inductance
(µH Max.)
0.8
0.4
0.3
0.5
0.4
0.5
1.8
1.2
0.8
1.3
1.5
1.5
16
8.5
5.0
5.2
3.2
3.7
16
8.5
5.0
5.2
5.8
3.7
Primary
Et-Constant
(V-µSec. Min.)
DCR
(
Ω Max.)
PCA
Part
Number
EP18270
EP18271
EP18272
EP18273
EP18274
EP18275
EP18276
EP18277
EP18278
EP18279
EP18280
EP18281
Turns
Ratio
(± 5%)
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
2CT:1CT
2CT:1CT
2CT:1CT
2CT:1CT
2CT:1CT
2CT:1CT
37
32
18
18
21
22
19
12
8
12
12
9
Interwinding
Capacitance
(pF Max.)
Rise
Time
(nS Max.)
8.2
5.3
4.2
5.6
4.1
5.1
11
5.6
3.2
5.2
7.2
4.5
2.5
1.3
0.9
1.3
0.9
0.9
2.5
1.4
0.9
1.3
1.3
0.9
Pri.
2.5
1.3
0.9
1.3
0.9
0.9
1.4
0.8
0.5
0.7
0.8
0.5
Sec.
56
4
3
12
2
1
PCA
EP182XX
D.C.
5
.350
Max.
(8.89)
.500 Max.
(12.70)
.400
(10.16)
.070 Min. (1.78)
.250
Max.
(6.35)
.500 Min.
(12.70)
.200
(5.08)
.020
(.508)
6
34
.100
(2.54)


Similar Part No. - EP18271

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP18271 PCA-EP18271 Datasheet
121Kb / 1P
Stand-Off Type Pulse Transformers
More results

Similar Description - EP18271

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC3126-X PCA-EPC3126-X Datasheet
16Kb / 1P
Stand-Off Type Low Power Push-Pull Transformers
logo
Vishay Siliconix
PT-100-01 VISHAY-PT-100-01 Datasheet
144Kb / 5P
Transformers Pulse, Trigger Type
10-Aug-06
PT-10 VISHAY-PT-10 Datasheet
106Kb / 4P
Transformers Pulse, Trigger Type
29-Nov-07
logo
PCA ELECTRONICS INC.
EP15760 PCA-EP15760 Datasheet
17Kb / 1P
Stand-Off Type Pulse Transformers
EP18270 PCA-EP18270 Datasheet
121Kb / 1P
Stand-Off Type Pulse Transformers
EPC3126-1-LF PCA-EPC3126-1-LF Datasheet
17Kb / 1P
Stand-Off Type Low Power Push-Pull Transformers
EP157XX PCA-EP157XX_15 Datasheet
17Kb / 1P
Stand-Off Type Pulse Transformers
EPC3126-X PCA-EPC3126-X_15 Datasheet
17Kb / 1P
Stand-Off Type Low Power Push-Pull Transformers
EPC3126-X-LF PCA-EPC3126-X-LF_15 Datasheet
17Kb / 1P
Stand-Off Type Low Power Push-Pull Transformers
logo
E-CMOS Corporation
EC76P4KEXXX E-CMOS-EC76P4KEXXX Datasheet
204Kb / 6P
Peak Pulse 400W Stand-off Voltage 6.8 to 550V
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com