Electronic Components Datasheet Search
  English  ▼

X  

HA4201CB Datasheet(PDF) 2 Page - Intersil Corporation

Part # HA4201CB
Description  480MHz, 1 x 1 Video Crosspoint Switch with Tally Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA4201CB Datasheet(HTML) 2 Page - Intersil Corporation

  HA4201CB Datasheet HTML 1Page - Intersil Corporation HA4201CB Datasheet HTML 2Page - Intersil Corporation HA4201CB Datasheet HTML 3Page - Intersil Corporation HA4201CB Datasheet HTML 4Page - Intersil Corporation HA4201CB Datasheet HTML 5Page - Intersil Corporation HA4201CB Datasheet HTML 6Page - Intersil Corporation HA4201CB Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Absolute Maximum Ratings
Thermal Information
Voltage Between V+ and V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VSUPPLY
Digital Input Current (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . .
±25mA
Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7) . . . . 1800V
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 70oC
Thermal Resistance (Typical, Note 1)
θ
JA (
oC/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
170
Maximum Junction Temperature (Die) . . . . . . . . . . . . . . . . . . . 175oC
Maximum Junction Temperature (Plastic Package) . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
2. If an input signal is applied before the supplies are powered up, the input current must be limited to this maximum value.
Electrical Specifications VSUPPLY = ±5V, RL = 10kΩ, VEN = 2.0V, Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP.
(oC)
MIN
TYP
MAX
UNITS
DC SUPPLY CHARACTERISTICS
Supply Voltage
Full
±4.5
±5.0
±5.5
V
Supply Current (VOUT = 0V)
VEN = 2.0V
25, 70
-
10.5
13
mA
VEN = 2.0V
0
-
-
14.5
mA
VEN = 0.8V
25, 70
-
100
115
µA
VEN = 0.8V
0
-
100
125
µA
ANALOG DC CHARACTERISTICS
Output Voltage Swing without Clipping
VOUT = VIN ± VIO ± 20mV
25, 70
±2.7
±2.8
-
V
0
±2.4
±2.5
-
V
Output Current
Full
15
20
-
mA
Input Bias Current
Full
-
30
50
µA
Output Offset Voltage
25
-10
-
10
mV
Output Offset Voltage Drift (Note 3)
Full
-
25
50
µV/oC
SWITCHING CHARACTERISTICS
Turn-On Time
25
-
160
-
ns
Turn-Off Time
25
-
320
-
ns
DIGITAL DC CHARACTERISTICS
Input Logic High Voltage
Full
2
-
-
V
Input Logic Low Voltage
Full
-
-
0.8
V
EN Input Current
VEN = 0 to 4V
Full
-2
-
2
µA
Tally Output High Voltage
IOH = 1mA
Full
4.7
4.8
-
V
Tally Off Leakage Current
VTALLY = 0V, -5V
Full
-20
-
20
µA
AC CHARACTERISTICS
Insertion Loss
1VP-P
Full
-
0.04
0.05
dB
-3dB Bandwidth
RS =82Ω, CL = 10pF
-
480
-
MHz
RS =43Ω, CL = 15pF
25
-
380
-
MHz
RS =36Ω, CL = 21pF
25
-
370
-
MHz
HA4201



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com