Electronic Components Datasheet Search
  English  ▼

X  

HA2546/883 Datasheet(PDF) 14 Page - Intersil Corporation

Part # HA2546/883
Description  Wideband Two Quadrant Analog Multiplier (Voltage Output)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA2546/883 Datasheet(HTML) 14 Page - Intersil Corporation

Back Button HA2546/883 Datasheet HTML 10Page - Intersil Corporation HA2546/883 Datasheet HTML 11Page - Intersil Corporation HA2546/883 Datasheet HTML 12Page - Intersil Corporation HA2546/883 Datasheet HTML 13Page - Intersil Corporation HA2546/883 Datasheet HTML 14Page - Intersil Corporation HA2546/883 Datasheet HTML 15Page - Intersil Corporation HA2546/883 Datasheet HTML 16Page - Intersil Corporation HA2546/883 Datasheet HTML 17Page - Intersil Corporation HA2546/883 Datasheet HTML 18Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
DESIGN INFORMATION (Continued)
The information contained in this section has been developed through characterization by Intersil Semiconductor and is for use as
application and design information only. No guarantee is implied.
8-16
HA2546
MULTIPLIER ERROR
MULTIPLIER ERROR
MULTIPLIER ERROR
WORST CASE MULTIPLICATION ERROR vs
TEMPERATURE
MULTIPLICATION ERROR vs TEMPERATURE
GAIN VARIATION vs FREQUENCY
Typical Performance Curves
VS = ±15V, TA = +25
oC, See Test Circuit For Multiplier Configuration. (Continued)
-6
-4
-2
0
2
4
6
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
Y INPUT (V)
X = 0
X = 1
X = 0.4, 0.6
X = 0.2
X = 0.8
0
0.5
1
1.5
2
2.5
-1.5
-1
-0.5
0
0.5
1
1.5
2
X INPUT (V)
Y = -3
Y = -4
Y = -5
Y = 0
Y = -1
Y = -2
0
0.5
1
1.5
2
2.5
-2
-1.5
-1
-0.5
0
0.5
1
X INPUT (V)
Y = 5
Y = 4
Y = 3
Y = 2
Y = 1
Y = 0
TEMPERATURE (oC)
2.0
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.0
0
25
50
75
100
125
-55
-25
TEMPERATURE (oC)
0.5
0.4
0.3
0.2
0.1
0.0
-55
0
25
50
75
100
125
-25
FREQUENCY (Hz)
1M
10M
100M
10K
100K
CL = 50pF
CL = 0pF
0.6
0.4
0.2
0
-0.2
RL = 1K, VX = 2VDC, VY = 200mVrms
Spec Number
511050-883



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com