Electronic Components Datasheet Search
  English  ▼

X  

EPA313 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA313
Description  14 Pin DIP Triple TTL High Speed Delay Line
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA313 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA313_15 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5
EPA313-5
19
EPA313-19
65
EPA313-65
6
EPA313-6
20
EPA313-20
70
EPA313-70
7
EPA313-7
21
EPA313-21
75
EPA313-75
8
EPA313-8
22
EPA313-22
80
EPA313-80
9
EPA313-9
23
EPA313-23
85
EPA313-85
10
EPA313-10
24
EPA313-24
90
EPA313-90
11
EPA313-11
25
EPA313-25
95
EPA313-95
12
EPA313-12
30
EPA313-30
100
EPA313-100
13
EPA313-13
35
EPA313-35
125
EPA313-125
14
EPA313-14
40
EPA313-40
150
EPA313-150
15
EPA313-15
45
EPA313-45
175
EPA313-175
16
EPA313-16
50
EPA313-50
200
EPA313-200
17
EPA313-17
55
EPA313-55
225
EPA313-225
18
EPA313-18
60
EPA313-60
250
EPA313-250
DELAY TIME
PART
DELAY TIME
PART
DELAY TIME
PART
±5% or 2nS†
NUMBER
±5% or 2nS†
NUMBER
±5% or 2nS†
NUMBER
†Whichever is greater.
Delay Times referenced from input to leading edges at 25°C, 5.0V, with no load.
VCC
Supply Voltage
4.75
5.25
V
VIH
High-Level Input Voltage
2.0
V
VIL
Low-Level Input Voltage
0.8
V
IIK
Input Clamp Current
-18
mA
IOH
High-Level Output Current
-1.0
mA
IOL
Low-Level Output Current
20
mA
PW*
Pulse Width of Total Delay
40
%
d*
Duty Cycle
40
%
TA
Operating Free-Air Temperature
0
+70
°C
*These two values are inter-dependent.
Recommended
Operating Conditions
Min
Max
Unit
EIN
Pulse Input Voltage
3.2
Volts
PW
Pulse Width % of Total Delay
110
%
TRI
Pulse Rise Time (0.75 - 2.4 Volts)
2.0
nS
PRR
Pulse Repetition Rate @ Td
≤ 200 nS
1.0
MHz
Pulse Repetition Rate @ Td > 200 nS
100
KHz
VCC
Supply Voltage
5.0
Volts
Input Pulse Test Conditions @ 25° C
Unit
VOH High-Level Output Voltage
VCC= min. VIL= max. IOH = max
2.7
V
VOL Low-Level Output Voltage
VCC= min. VIH = min. IOL= max
0.5
V
VIK
Input Clamp Voltage
VCC= min. II = IIK
-1.2V
V
IIH
High-Level Input Current
VCC= max. VIN = 2.7V
50
µA
VCC= max. VIN = 5.25V
1.0
mA
IIL
Low-Level Input Current
VCC= max. VIN = 0.5V
-2
mA
IOS
Short Circuit Output Current
VCC= max. VOUT = 0.
-40
-100
mA
(One output at a time)
ICCH High-Level Supply Current
VCC= max. VIN = OPEN
115
mA
ICCL Low-Level Supply Current
VCC= max. VIN = 0
115
mA
TRO Output Rise Time
Td
≤ 500 nS (0.75 to 2.4 Volts)
4
nS
NH
Fanout High-Level Output
VCC= max. VOH = 2.7V
20 TTL LOAD
NL
Fanout Low-Level Output
VCC= max. VOL = 0.5V
10 TTL LOAD
DC Electrical Characteristics
Parameter
Test Conditions
Min Max Unit
Package Dimensions
Schematic
14 Pin DIP Triple TTL High Speed Delay Line
DSA313 Rev. A 2/5/96
QAF-CSO1 Rev. B 8/25/94
Unless Otherwise Noted Dimensions in Inches
Tolerances:
Fractional = ± 1/32
.XX = ± .030
.XXX = ± .010
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
TEL: (818) 892-0761
FAX: (818) 894-5791
E L E C T R O N I C S
I N C .
10
.365
Max.
.200
.780 Max.
.280
.010
Typ.
.120 Min.
.020
Min.
Max.
.250
.020
Typ.
Max.
White Dot
Pin#1
PCA
EPA313-5
Date Code
12
10
14
VCC
1
3
5
7
GROUND
8


Similar Part No. - EPA313_15

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA313-15 PCA-EPA313-15 Datasheet
21Kb / 1P
14 Pin DIP Triple TTL High Speed Delay Line
EPA313-150 PCA-EPA313-150 Datasheet
21Kb / 1P
14 Pin DIP Triple TTL High Speed Delay Line
More results

Similar Description - EPA313_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EP9206-005 ETC2-EP9206-005 Datasheet
21Kb / 1P
14 Pin DIP Triple TTL Compatible Active Delay Lines
logo
Connor-Winfield Corpora...
S17R8 CONNOR-WINFIELD-S17R8 Datasheet
51Kb / 1P
14 PIN DIP TTL
S55R8 CONNOR-WINFIELD-S55R8 Datasheet
50Kb / 1P
14 PIN DIP TTL
logo
PCA ELECTRONICS INC.
EP8700 PCA-EP8700 Datasheet
21Kb / 1P
14 Pin DIP 5 Tap TTL Compatible High Speed Active Delay Lines
EP9206-005 PCA-EP9206-005 Datasheet
55Kb / 1P
14 Pin DIP Triple TTL Compatible Active Delay Lines
EPA1220HL-25 PCA-EPA1220HL-25 Datasheet
23Kb / 1P
14 Pin DIP 5 Tap TTL Compatible High Speed Active Delay Lines
EPA1825-5 PCA-EPA1825-5 Datasheet
21Kb / 1P
14 Pin DIP High Precision Triple Output TTL Compatible Active Delay Lines
EPA313-5 PCA-EPA313-5 Datasheet
21Kb / 1P
14 Pin DIP Triple TTL High Speed Delay Line
EP87XX PCA-EP87XX_15 Datasheet
21Kb / 1P
14 Pin DIP 5 Tap TTL Compatible High Speed Active Delay Lines
EP9206 PCA-EP9206_15 Datasheet
55Kb / 1P
14 Pin DIP Triple TTL Compatible Active Delay Lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com