Electronic Components Datasheet Search
  English  ▼

X  

EPA366-5 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA366-5
Description  SMD 14 Pin Gull-Wing Quad TTL Compatible Active Delay Modules
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA366-5 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA366-5 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VOH
High-Level Output Voltage
VCC= min. VIL= max. IOH = max 2.7
V
VOL
Low-Level Output Voltage
VCC= min. VIH = min. IOL= max
0.5
V
VIK
Input Clamp Voltage
VCC= min. II = IIK
-1.2V
V
IIH
High-Level Input Current
VCC= max. VIN = 2.7V
50
µA
VCC= max. VIN = 5.25V
1.0
mA
IIL
Low-Level Input Current
VCC= max. VIN = 0.5V
-2
mA
IOS
Short Circuit Output Current
VCC= max. VOUT = 0.
-40
-100
mA
(One output at a time)
ICCH High-Level Supply Current
VCC= max. VIN = OPEN
150
mA
ICCL Low-Level Supply Current
VCC= max. VIN = 0
150
mA
TRO
Output Rise Time
4
nS
NH
Fanout High-Level Output
VCC= max. VOH = 2.7V
20 TTL LOAD
NL
Fanout Low-Level Output
VCC= max. VOL = 0.5V
10 TTL LOAD
DC Electrical Characteristics
Parameter
Test Conditions
Min Max Unit
Schematic
Package Dimensions
*These two values are inter-dependent.
VCC
Supply Voltage
4.75
5.25
V
VIH
High-Level Input Voltage
2.0
V
VIL
Low-Level Input Voltage
0.8
V
IIK
Input Clamp Current
-18
mA
IOH
High-Level Output Current
-1.0
mA
IOL
Low-Level Output Current
20
mA
PW*
Pulse Width of Total Delay
40
%
d*
Duty Cycle
40
%
TA
Operating Free-Air Temperature
0
+70
°C
Recommended
Operating Conditions
Min
Max
Unit
EIN
Pulse Input Voltage
3.2
Volts
PW
Pulse Width % of Total Delay
110
%
TRI
Pulse Rise Time (0.75 - 2.4 Volts)
2.0
nS
PRR
Pulse Repetition Rate @ Td
≤ 200 nS
1.0
MHz
Pulse Repetition Rate @ Td > 200 nS
100
KHz
VCC
Supply Voltage
5.0
Volts
Input Pulse Test Conditions @ 25° C
Unit
DELAY TIME
PART
DELAY TIME
±5% or ±2 nS†
NUMBER
±5 or ±2 nS†
5
EPA366-5
16
6
EPA366-6
17
7
EPA366-7
18
8
EPA366-8
19
9
EPA366-9
20
10
EPA366-10
21
11
EPA366-11
22
12
EPA366-12
23
13
EPA366-13
24
14
EPA366-14
25
15
EPA366-15
30
†Whichever is greater.
Delay times referenced from input to leading edges at 25°C, 5.0V, with no load.
PART
DELAY TIME
PART
NUMBER
±5% or ±2 nS†
NUMBER
EPA366-16
35
EPA366-35
EPA366-17
40
EPA366-40
EPA366-18
45
EPA366-45
EPA366-19
50
EPA366-50
EPA366-20
55
EPA366-55
EPA366-21
60
EPA366-60
EPA366-22
65
EPA366-65
EPA366-23
70
EPA366-70
EPA366-24
75
EPA366-75
EPA366-25
EPA366-30
SMD 14 Pin Gull-Wing Quad TTL Compatible
Active Delay Modules
DSA366 Rev. A 2/5/96
QAF-CSO1 Rev. B 8/25/94
Unless Otherwise Noted Dimensions in Inches
Tolerances:
Fractional = ± 1/32
.XX = ± .030
.XXX = ± .010
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
TEL: (818) 892-0761
FAX: (818) 894-5791
E L E C T R O N I C S
I N C .
16
.100
PCA
EPA366-5
Date Code
.280
Max.
.780 Max.
.250
Max.
.01
Typ.
.400
Max.
.02
.050
.410
.055
.100
.03
Suggested Solder
Pad Layout
.300
12
10
14
VCC
1
3
4
7
GROUND
9
8
5


Similar Part No. - EPA366-5

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA366-5 PCA-EPA366-5 Datasheet
22Kb / 1P
SMD 14 Pin Gull-Wing Quad TTL Compatible Active Delay Modules
EPA366-50 PCA-EPA366-50 Datasheet
22Kb / 1P
SMD 14 Pin Gull-Wing Quad TTL Compatible Active Delay Modules
EPA366-55 PCA-EPA366-55 Datasheet
22Kb / 1P
SMD 14 Pin Gull-Wing Quad TTL Compatible Active Delay Modules
More results

Similar Description - EPA366-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EP9934 ETC1-EP9934 Datasheet
41Kb / 3P
SMD 14-Pin Triple TTL Compatible Active Delay Lines
logo
PCA ELECTRONICS INC.
EP9734-5 PCA-EP9734-5 Datasheet
22Kb / 1P
14 Pin DIP Quad TTL Compatible Active Delay Lines
EPA2398-25 PCA-EPA2398-25 Datasheet
23Kb / 1P
SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
EPA245-50 PCA-EPA245-50 Datasheet
30Kb / 1P
SMD 14 Pin 10 Tap TTL Compatible Active Delay Modules
EPA2720-25 PCA-EPA2720-25 Datasheet
41Kb / 1P
SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
EPA280-5 PCA-EPA280-5 Datasheet
20Kb / 1P
SMD 14-Pin Triple TTL Compatible Active Delay Lines
EPA366-5 PCA-EPA366-5 Datasheet
22Kb / 1P
SMD 14 Pin Gull-Wing Quad TTL Compatible Active Delay Modules
EPA810-5 PCA-EPA810-5 Datasheet
20Kb / 1P
14 Pin SMD Single Output TTL Compatible Active Delay Lines
EP9734 PCA-EP9734_15 Datasheet
22Kb / 1P
14 Pin DIP Quad TTL Compatible Active Delay Lines
EPA280 PCA-EPA280_15 Datasheet
20Kb / 1P
SMD 14-Pin Triple TTL Compatible Active Delay Lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com