Electronic Components Datasheet Search
  English  ▼

X  

HA5013 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HA5013
Description  Triple, 125MHz Video Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA5013 Datasheet(HTML) 3 Page - Intersil Corporation

  HA5013 Datasheet HTML 1Page - Intersil Corporation HA5013 Datasheet HTML 2Page - Intersil Corporation HA5013 Datasheet HTML 3Page - Intersil Corporation HA5013 Datasheet HTML 4Page - Intersil Corporation HA5013 Datasheet HTML 5Page - Intersil Corporation HA5013 Datasheet HTML 6Page - Intersil Corporation HA5013 Datasheet HTML 7Page - Intersil Corporation HA5013 Datasheet HTML 8Page - Intersil Corporation HA5013 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
-IN Common Mode Rejection
VCM = ±2.5V (Note 5)
A
25
-
-
0.4
µA/V
A
Full
-
-
1.0
µA/V
-IN Power Supply Rejection
±3.5V ≤ VS ≤±6.5V
A
25
-
-
0.2
µA/V
A
Full
-
-
0.5
µA/V
Input Noise Voltage
f = 1kHz
B
25
-
4.5
-
nV/
√Hz
+Input Noise Current
f = 1kHz
B
25
-
2.5
-
pA/
√Hz
-Input Noise Current
f = 1kHz
B
25
-
25.0
-
pA/
√Hz
TRANSFER CHARACTERISTICS
Transimpedence
VOUT = ±2.5V (Note 11)
A
25
1.0
-
-
M
Ω
A
Full
0.85
-
-
M
Ω
Open Loop DC Voltage Gain
RL = 400Ω, VOUT = ±2.5V
A
25
70
-
-
dB
A
Full
65
-
-
dB
Open Loop DC Voltage Gain
RL = 100Ω, VOUT = ±2.5V
A
25
50
-
-
dB
A
Full
45
-
-
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 150Ω
A25
±2.5
±3.0
-
V
A
Full
±2.5
±3.0
-
V
Output Current
RL = 150Ω
B
Full
±16.6
±20.0
-
mA
Short Circuit Output Current
VIN = ±2.5V, VOUT = 0V
A
Full
±40
±60
-
mA
POWER SUPPLY CHARACTERISTICS
Supply Voltage Range
A
25
5
-
15
V
Quiescent Supply Current
A
Full
-
7.5
10
mA/Op Amp
AC CHARACTERISTICS AV = +1
Slew Rate
Note 6
B
25
275
350
-
V/
µs
Full Power Bandwidth (Note 7)
B
25
22
28
-
MHz
Rise Time (Note 8)
VOUT = 1V, RL = 100Ω
B25
-
6
-
ns
Fall Time (Note 8)
VOUT = 1V, RL = 100Ω
B25
-
6
-
ns
Propagation Delay (Note 8)
VOUT = 1V, RL = 100Ω
B25
-
6
-
ns
Overshoot
B
25
-
4.5
-
%
-3dB Bandwidth
VOUT = 100mV
B
25
-
125
-
MHz
Settling Time
To 1%, 2V Output Step
B
25
-
50
-
ns
Settling Time
To 0.25%, 2V Output Step
B
25
-
75
-
ns
AC CHARACTERISTICS AV = +2, RF = 681Ω
Slew Rate
Note 6
B
25
-
475
-
V/
µs
Electrical Specifications
VSUPPLY = ±5V, RF = 1kΩ, AV = +1, RL = 400Ω, CL ≤10pF, Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
(NOTE 9)
TEST
LEVEL
TEMP.
(oC)
MIN
TYP
MAX
UNITS
HA5013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com