Electronic Components Datasheet Search
  English  ▼

X  

BC860 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BC860
Description  PNP Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BC860 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BC860 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BC860 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd BC860 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
PNP Transistors
BC859~BC860 (KC859~KC860)
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
BC859
-30
BC860
-50
Collector- emitter breakdown voltage
BC859
-30
BC860
-45
Emitter - base breakdown voltage
VEBO
IE= -100μA, IC=0
-5
VCB= -30 V , IE=0
-1
-15
nA
VCB= -30 V , IE=0,TJ = 150℃
-4
uA
Emitter cut-off current
IEBO
VEB= -5V , IC=0
-100
nA
IC=-10 mA, IB=-0.5mA
-75
-300
IC=-100 mA, IB=-5mA
-250 -600
IC=-10 mA, IB=-0.5mA (Note.1)
-700
IC=-100 mA, IB=-5mA
(Note.1)
-850
VCE= -5V, IC= -2mA
(Note.2)
-600 -650 -750
VCE= -5 V, IC= -10mA (Note.2)
-820
DC current gain
BC859B:BC860B
220
475
BC859C:BC860C
420
800
Collector capacitance
Cc
VCB= -10V, IE=Ie= 0,f=1MHz
4.5
Emitter capacitance
Ce
VEB= -0.5 V, IC=Ic= 0,f=1MHz
10
Noise Figure
VCE= -5V, IC= -200uA,RS=2KΩ
f=30HZ to 15KHz
VCE= -5V, IC= -200uA,RS=2KΩ
f=1 KHz,B=200HZ
Transition frequency
fT
VCE= -5V, IC= -10mA,f=100MHz
100
MHz
pF
NF
4
4
dB
VBE
mV
hFE
VCE= -5V, IC= -2mA
ICBO
Collector-emitter saturation voltage
VCE(sat)
Base - emitter saturation voltage
VBE(sat)
V
VCBO
VCEO
Ic= -100 μA, IE=0
Ic= -1 mA, IB=0
Collector-base cut-off current
Base - emitter voltage
Note.1: VBEsat decreases by about −1.7 mV/K with increasing temperature.
Note.2: VBE decreases by about −2 mV/K with increasing temperature.
■
Classification of hfe
Type
BC859B
BC859C
BC860B
BC860C
Range
220-475
420-800
220-475
420-800
Marking
4B*
4C*
4F*
4G*



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com