Electronic Components Datasheet Search
  English  ▼

X  

BCP69 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BCP69
Description  PNP Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BCP69 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BCP69 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BCP69 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
PNP Transistors
BCP69 (KCP69)
■
Features
●
High current (max. 1 A)
●
Low voltage (max. 20 V)
●
Complements to BCP68
3
2
1
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
-32
Collector - Emitter Voltage
VCEO
-20
Emitter - Base Voltage
VEBO
-5
Collector Current - Continuous
IC
-1
Collector Current - Pulse
ICP
-2
Base Current - Pulse
IBP
-0.2
Collector Power Dissipation
PC
1.35
W
Thermal Resistance from Junction to Ambient
RθJA
91
Thermal Resistance from Junction to Soldering Point
RθJS
10
Junction Temperature
TJ
150
Storage Temperature range
Tstg
-65 to 150
V
℃
A
℃
/W
0.70±0.1
4.60 (typ)
6.50±0.2
3.00±0.1
2.30 (typ)
SOT-223
Unit:mm
1.Base
2.Collector
3.Emitter
4.Collector
4
1
2
3
0.250
Gauge Plane


Similar Part No. - BCP69

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP69 PHILIPS-BCP69 Datasheet
45Kb / 8P
PNP medium power transistor
1999 Apr 08
logo
Zetex Semiconductors
BCP69 ZETEX-BCP69 Datasheet
43Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Siemens Semiconductor G...
BCP69 SIEMENS-BCP69 Datasheet
136Kb / 4P
PNP Silicon AF Transistor (For general AF application High collector current High current gain)
logo
Infineon Technologies A...
BCP69 INFINEON-BCP69 Datasheet
43Kb / 4P
PNP Silicon AF Transistor
Nov-29-2001
logo
Weitron Technology
BCP69 WEITRON-BCP69 Datasheet
208Kb / 4P
PNP Silicon Epitaxial Transistor
More results

Similar Description - BCP69

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
PNP Transistors
logo
Guangdong Kexin Industr...
2SB766A KEXIN-2SB766A_15 Datasheet
884Kb / 2P
PNP Transistors
2SA733-HF KEXIN-2SA733-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1036-HF KEXIN-2SA1036-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1037-HF KEXIN-2SA1037-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1122-HF KEXIN-2SA1122-HF_15 Datasheet
712Kb / 2P
PNP Transistors
2SB624-HF KEXIN-2SB624-HF_15 Datasheet
401Kb / 1P
PNP Transistors
2SB736A-HF KEXIN-2SB736A-HF_15 Datasheet
1Mb / 3P
PNP Transistors
2SB799-HF KEXIN-2SB799-HF_15 Datasheet
1Mb / 3P
PNP Transistors
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com