Electronic Components Datasheet Search
  English  ▼

X  

BCW29 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BCW29
Description  PNP Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BCW29 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BCW29 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BCW29 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= -100 μA, IE=0
-32
Collector- emitter breakdown voltage
VCEO
Ic= -2 mA, IB=0
-32
Emitter - base breakdown voltage
VEBO
IE= -100μA, IC=0
-5
VCB= -32 V , IE=0
-100
nA
VCB= -32 V , IE=0,Tamb = 100℃
-10
uA
Emitter cut-off current
IEBO
VEB= -5V , IC=0
-100
nA
IC=-10 mA, IB=- 0.5mA
-80
-300
IC=-50 mA, IB= -2.5mA
-150
IC=-10 mA, IB=- 0.5mA
-720
IC=-50 mA, IB= -2.5mA
-810
Base - emitter voltage
VBE
VCE= -5V, IC= -2mA
-600
-750
DC current gain
BCW29
90
BCW30
150
300
DC current gain
BCW29
120
260
BCW30
215
500
Collector capacitance
Cc
VCB=-10V,IE=Ie=0,f=1MHz
4.5
pF
Noise figure
NF
IC = −200 μA; VCE = −5 V;
RS = 2 kΩ;f = 1 kHz; B = 200 Hz
10
dB
Transition frequency
fT
VCE= -5V, IC= -10mA,f=100MHz
100
MHz
V
mV
VCE(sat)
VBE(sat)
hFE
VCE= -5V, IC= -10uA
VCE= -5V, IC= -2mA
Collector-base cut-off current
ICBO
Collector-emitter saturation voltage
Base - emitter saturation voltage
■
Classification of hfe(2)
Type
BCW29
BCW30
Range
120-260
215-500
Marking
C1*
C2*
PNP Transistors
BCW29~BCW30 (KCW29~KCW30)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com