Electronic Components Datasheet Search
  English  ▼

X  

HA5022IP Datasheet(PDF) 6 Page - Intersil Corporation

Part # HA5022IP
Description  Dual, 125MHz, Video Current Feedback Amplifier with Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA5022IP Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HA5022IP Datasheet HTML 2Page - Intersil Corporation HA5022IP Datasheet HTML 3Page - Intersil Corporation HA5022IP Datasheet HTML 4Page - Intersil Corporation HA5022IP Datasheet HTML 5Page - Intersil Corporation HA5022IP Datasheet HTML 6Page - Intersil Corporation HA5022IP Datasheet HTML 7Page - Intersil Corporation HA5022IP Datasheet HTML 8Page - Intersil Corporation HA5022IP Datasheet HTML 9Page - Intersil Corporation HA5022IP Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Schematic Diagram (One Amplifier of Two)
R2
800
R5
2.5K
R6
15K
D2
QP2
R1
60K
QN1
R3
6K
QN2
D1
QN3
QN4
R4
800
R7
15K
DIS
QN7
R9
820
QP4
QN6
QP3
R8
1.25K
QN5
+IN
QP7
R13
1K
R12
280
QP6
QN8
QP5
R10
820
QN9
QN11
QN10
QP10
QP8
QP9
R11
1K
R14
280
QN14
R16
400
R22
280
QN16
R17
280
R18
280
QP11
R15
400
R19
400
QP14
QN12
QP12
-IN
QN13
QP13
C2
R23
400
R26
200
R24
140
R20
140
QP15
C1
QN17
R25
20
QN18
R25
140
R21
140
R26
200
QP16
R27
200
R33
2K
QP18
QN20
QP17
R28
20
QN15
R30
7
QN19
OUT
QN21
R32
5
R29
9.5
QP19
QP20
R31
5
V+
V-
QP1
R33
800
1.4pF
1.4pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com