Electronic Components Datasheet Search
  English  ▼

X  

BCW66F Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BCW66F
Description  NPN Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BCW66F Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  BCW66F Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BCW66F Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd BCW66F Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMD Type
www.kexin.com.cn
3
Transistors
NPN Transistors
BCW66 (KCW66)
■
Typical Characterisitics
0
1
1
1
.
0
1
10
100
0
0
1
0
1
1
0
20
40
60
80
100
120
140
160
180
200
0.1
1
10
100
0
100
200
300
400
500
0
25
50
75
100
125
150
0.0
0.1
0.2
0.3
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1
10
100
0
100
200
300
400
0
1
2
3
4
5
6
7
8
0
50
100
150
200
250
300
f=1MHz
I
E=0 / IC=0
T
a=25
oC
REVERSE VOLTAGE V (V)
V
CB / VEB
C
ob / Cib
——
C
ib
C
ob
20
COLLECTOR CURRENT I
C
(mA)
V
CE=10V
T
a=25
oC
I
C
f
T
——
800
V
CE= 1V
T
a=100
oC
T
a=25
oC
COLLECTOR CURRENT I
C
(mA)
I
C
h
FE ——
AMBIENT TEMPERATURE T
a
( )
℃
P
c
—— T
a
800
COLLECTOR CURRENT I
C
(mA)
T
a=25
℃
T
a=100
℃
β=10
I
C
V
BEsat ——
800
T
a=25
℃
T
a=100
℃
β=10
V
CEsat ——
I
C
COLLECTOR CURRENT I
C
(mA)
COMMON
EMITTER
T
a=25
℃
800uA 720uA 640uA
560uA
480uA
400uA
320uA
240uA
160uA
I
B=80uA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com