Electronic Components Datasheet Search
  English  ▼

X  

KCX53 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KCX53
Description  PNP Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KCX53 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  KCX53 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KCX53 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Transistors
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditions
Min
Typ
Max
Unit
I
t
n
e
rr
u
c
ff
o
t
u
c
r
o
t
c
e
ll
o
C
CBO
VCB = -30 V, IE
A
n
0
0
1
-
0
=
VCB = -30 V, IE = 0; Tj = 125
-10
uA
I
t
n
e
rr
u
c
ff
o
t
u
c
r
e
tt
i
m
E
EBO
VEB = -5 V, IC
A
n
0
0
1
-
0
=
h
n
i
a
g
t
n
e
rr
u
c
C
D
FE
IC = -5 mA; VCE = -2 V
63
IC = -150 mA; VCE = -2 V
63
250
IC = -500 mA; VCE = -2 V
40
DC current gain BCX51-10,BCX52-10,BCX53-10
hFE
IC = -150 mA; VCE = -2 V
63
160
BCX51-16,BCX52-16,BCX53-16
IC = -150 mA; VCE = -2 V
100
250
Collector-emitter saturation voltage
VCE(sat) IC = -500 mA; IB
V
m
0
0
5
-
A
m
0
5
-
=
V
e
g
a
tl
o
v
r
e
tt
i
m
e
o
t
e
s
a
B
BE
IC = -500 mA; VCE
V
1
-
V
2
-
=
f
y
c
n
e
u
q
e
rf
n
o
it
i
s
n
a
r
T
T
IC = -10 mA; VCE = -5 V; f = 100 MHz
50
MHz
hFE Classification
TYPE
BCX51
BCX51-10
BCX51-16
Marking
AA
AC
AD
TYPE
BCX52
BCX52-10
BCX52-16
Marking
AE
AG
AM
TYPE
BCX53
BCX53-10
BCX53-16
Marking
AH
AK
AL
www.kexin.com.cn
BCX51、BCX52、BCX53
(
KCX51、KCX52、KCX53)
■
Typical Characterisitics
Fig.1 DC current gain; typical values.
handbook, full pagewidth
0
160
80
120
40
MBH730
10 1
hFE
1
IC (mA)
10
103
104
102
VCE = 2 V
-
- -
-
-
-
-
-



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com