Electronic Components Datasheet Search
  English  ▼

X  

HA5022EVAL Datasheet(PDF) 16 Page - Intersil Corporation

Part # HA5022EVAL
Description  Dual, 125MHz, Video Current Feedback Amplifier with Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA5022EVAL Datasheet(HTML) 16 Page - Intersil Corporation

Back Button HA5022EVAL Datasheet HTML 8Page - Intersil Corporation HA5022EVAL Datasheet HTML 9Page - Intersil Corporation HA5022EVAL Datasheet HTML 10Page - Intersil Corporation HA5022EVAL Datasheet HTML 11Page - Intersil Corporation HA5022EVAL Datasheet HTML 12Page - Intersil Corporation HA5022EVAL Datasheet HTML 13Page - Intersil Corporation HA5022EVAL Datasheet HTML 14Page - Intersil Corporation HA5022EVAL Datasheet HTML 15Page - Intersil Corporation HA5022EVAL Datasheet HTML 16Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Die Characteristics
DIE DIMENSIONS:
1650
µm x 2540µm x 483µm
METALLIZATION:
Type: Metal 1: AlCu (1%)
Thickness: Metal 1: 8k
Å
±0.4kÅ
Type: Metal 2: AlCu (1%)
Thickness: Metal 2: 16k
Å
±0.8kÅ
SUBSTRATE POTENTIAL (POWERED UP):
V-
PASSIVATION:
Type: Nitride
Thickness: 4k
Å
±0.4kÅ
TRANSISTOR COUNT:
124
PROCESS:
High Frequency Bipolar Dielectric Isolation
Metallization Mask Layout
HA5022
-IN1
V+
OUT1
+IN2
DIS2
V-
NC
OUT2
-IN2
DIS1
+IN1
HA5022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com