Electronic Components Datasheet Search
  English  ▼

X  

HA5024IP Datasheet(PDF) 1 Page - Intersil Corporation

Part # HA5024IP
Description  Quad 125MHz Video Current Feedback Amplifier with Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA5024IP Datasheet(HTML) 1 Page - Intersil Corporation

  HA5024IP Datasheet HTML 1Page - Intersil Corporation HA5024IP Datasheet HTML 2Page - Intersil Corporation HA5024IP Datasheet HTML 3Page - Intersil Corporation HA5024IP Datasheet HTML 4Page - Intersil Corporation HA5024IP Datasheet HTML 5Page - Intersil Corporation HA5024IP Datasheet HTML 6Page - Intersil Corporation HA5024IP Datasheet HTML 7Page - Intersil Corporation HA5024IP Datasheet HTML 8Page - Intersil Corporation HA5024IP Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207 | Copyright © Intersil Corporation 1999
HA5024
Quad 125MHz Video Current
Feedback Amplifier with Disable
The HA5024 is a quad version of the popular Intersil
HA5020. It features wide bandwidth and high slew rate, and
is optimized for video applications and gains between 1 and
10. It is a current feedback amplifier and thus yields less
bandwidth degradation at high closed loop gains than
voltage feedback amplifiers.
The low differential gain and phase, 0.1dB gain flatness, and
ability to drive two back terminated 75
Ω cables, make this
amplifier ideal for demanding video applications.
The HA5024 also features a disable function that
significantly reduces supply current while forcing the output
to a true high impedance state. This functionality allows 2:1
and 4:1 video multiplexers to be implemented with a single IC.
The current feedback design allows the user to take
advantage of the amplifier’s bandwidth dependency on the
feedback resistor. By reducing RF, the bandwidth can be
increased to compensate for decreases at higher closed
loop gains or heavy output loads.
Pinout
HA5024
(PDIP, SOIC)
TOP VIEW
Features
• Quad Version of HA-5020
• Individual Output Enable/Disable
• Input Offset Voltage . . . . . . . . . . . . . . . . . . . . . . . . 800
µV
• Wide Unity Gain Bandwidth . . . . . . . . . . . . . . . . . 125MHz
• Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 475V/
µs
• Differential Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.03%
• Differential Phase . . . . . . . . . . . . . . . . . . . . 0.03 Degrees
• Supply Current (per Amplifier) . . . . . . . . . . . . . . . . 7.5mA
• ESD Protection. . . . . . . . . . . . . . . . . . . . . . . . . . . . 4000V
• Guaranteed Specifications at
±5V Supplies
Applications
• Video Multiplexers; Video Switching and Routing
• Video Gain Block
• Video Distribution Amplifier/RGB Amplifier
• Flash A/D Driver
• Current to Voltage Converter
• Medical Imaging
• Radar and Imaging Systems
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
OUT1
-IN1
+IN1
DIS1
NC
V+
+IN2
DIS2
-IN2
OUT2
OUT4
+IN4
DIS4
NC
-IN4
V-
DIS3
+IN3
-IN3
OUT3
+
-
+
-
+
-
+
-
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HA5024IP
-40 to 85
20 Ld PDIP
E20.3
HA5024IB
-40 to 85
20 Ld SOIC
M20.3
HA5024EVAL
High Speed Op Amp DIP Evaluation Board
September 1998
File Number
3550.4


Similar Part No. - HA5024IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA5024IP INTERSIL-HA5024IP Datasheet
415Kb / 16P
Quad 125MHz Video Current Feedback Amplifier with Disable
February 8, 2006
logo
Renesas Technology Corp
HA5024IP RENESAS-HA5024IP Datasheet
827Kb / 17P
Quad 125MHz Video CurrentFeedback Amplifier with Disable
logo
Intersil Corporation
HA5024IPZ INTERSIL-HA5024IPZ Datasheet
415Kb / 16P
Quad 125MHz Video Current Feedback Amplifier with Disable
February 8, 2006
logo
Renesas Technology Corp
HA5024IPZ RENESAS-HA5024IPZ Datasheet
827Kb / 17P
Quad 125MHz Video CurrentFeedback Amplifier with Disable
More results

Similar Description - HA5024IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA5022 INTERSIL-HA5022 Datasheet
169Kb / 16P
Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 1999
HA5025 INTERSIL-HA5025 Datasheet
150Kb / 13P
Quad, 125MHz Video Current Feedback Amplifier
September 1998
HA5023883 INTERSIL-HA5023883 Datasheet
813Kb / 19P
Dual 125MHz Video Current Feedback Amplifier
January 1995
HA5022 INTERSIL-HA5022_03 Datasheet
429Kb / 17P
Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 2003
HA5024 INTERSIL-HA5024_06 Datasheet
415Kb / 16P
Quad 125MHz Video Current Feedback Amplifier with Disable
February 8, 2006
HA5025 INTERSIL-HA5025_03 Datasheet
336Kb / 15P
Quad, 125MHz Video Current Feedback Amplifier
May 2003
HA5023IPZ INTERSIL-HA5023IPZ Datasheet
435Kb / 17P
Dual 125MHz Video Current Feedback Amplifier
September 30, 2015
logo
Renesas Technology Corp
HA5024 RENESAS-HA5024 Datasheet
827Kb / 17P
Quad 125MHz Video CurrentFeedback Amplifier with Disable
HA5022 RENESAS-HA5022 Datasheet
865Kb / 16P
Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 2003
HA5025 RENESAS-HA5025 Datasheet
846Kb / 15P
Quad, 125MHz Video Current Feedback Amplifier
May 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com