Electronic Components Datasheet Search
  English  ▼

X  

BCX70 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BCX70
Description  NPN Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BCX70 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BCX70 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BCX70 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100 μA, IE= 0
45
Collector- emitter breakdown voltage
VCEO
Ic= 1 mA, IB= 0
45
Emitter - base breakdown voltage
VEBO
IE= 100μA, IC= 0
5
VCB= 45 V , IE= 0
20
nA
VCB= 45 V , IE= 0,Tamb = 150℃
20
uA
Emitter cut-off current
IEBO
VEB= 4V , IC=0
20
nA
IC=10 mA, IB=0.25mA
50
350
IC=50 mA, IB=1.25mA
100
550
IC=10 mA, IB=0.25mA
600
850
IC=50 mA, IB=1.25mA
700
1050
VCE= 5V, IC= 10uA
520
VCE= 5V, IC= 2mA
550
650
750
VCE= 1V, IC= 50mA
780
DC current gain
BCX70G
-
-
BCX70H
40
BCX70J
30
BCX70K
100
DC current gain
BCX70G
120
220
BCX70H
180
310
BCX70J
250
460
BCX70K
380
630
DC current gain
BCX70G
50
BCX70H
70
BCX70J
90
BCX70K
100
Collector capacitance
Cc
VCB= 10V, IE=Ie=0,f=1MHz
1.7
Emitter capacitance
Ce
VEB= 0.5 V, IC=Ic=0,f=1MHz
11
Noise figure
NF
IC = 200 u A; VCE = 5 V; RS = 2 kΩ;
f = 1 kHz; B = 200 Hz
2
6
dB
Transition frequency
fT
VCE= 5V, IC= 10mA,f=100MHz
100
250
MHz
VBE(sat)
V
Collector-base cut-off current
ICBO
Collector-emitter saturation voltage
VCE(sat)
pF
Base - emitter voltage
VBE
mV
hFE
VCE= 5V, IC= 10uA
VCE= 5V, IC= 2mA
VCE= 1V, IC= 50mA
Base - emitter saturation voltage
NPN Transistors
BCX70 (KCX70)
■
Classification of hfe(2)
Type
BCX70G
BCX70H
BCX70J
BCX70K
Range
120-220
180-310
250-460
380-630
Marking
AG*
AH*
AJ*
AK*



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com