Electronic Components Datasheet Search
  English  ▼

X  

HA5025IP Datasheet(PDF) 13 Page - Intersil Corporation

Part # HA5025IP
Description  Quad, 125MHz Video Current Feedback Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA5025IP Datasheet(HTML) 13 Page - Intersil Corporation

Back Button HA5025IP Datasheet HTML 5Page - Intersil Corporation HA5025IP Datasheet HTML 6Page - Intersil Corporation HA5025IP Datasheet HTML 7Page - Intersil Corporation HA5025IP Datasheet HTML 8Page - Intersil Corporation HA5025IP Datasheet HTML 9Page - Intersil Corporation HA5025IP Datasheet HTML 10Page - Intersil Corporation HA5025IP Datasheet HTML 11Page - Intersil Corporation HA5025IP Datasheet HTML 12Page - Intersil Corporation HA5025IP Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
13
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Die Characteristics
DIE DIMENSIONS:
2010
µm x 3130µm x 483µm
METALLIZATION:
Type: Metal 1: AlCu (1%)
Thickness: Metal 1: 8k
Å
±0.4kÅ
Metal 2: AlCu (1%)
Metal 2: 16k
Å
±0.8kÅ
SUBSTRATE POTENTIAL (Powered Up):
V-
PASSIVATION:
Type: Nitride
Thickness: 4k
Å
±0.4kÅ
TRANSISTOR COUNT:
248
PROCESS:
High Frequency Bipolar Dielectric Isolation
Metallization Mask Layout
HA5025
+IN3
V-
+IN4
+IN1
V+
+IN2
HA5025



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com