Electronic Components Datasheet Search
  English  ▼

X  

HA5340 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HA5340
Description  High Speed, Low Distortion, Precision Monolithic Sample and Hold Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA5340 Datasheet(HTML) 2 Page - Intersil Corporation

  HA5340 Datasheet HTML 1Page - Intersil Corporation HA5340 Datasheet HTML 2Page - Intersil Corporation HA5340 Datasheet HTML 3Page - Intersil Corporation HA5340 Datasheet HTML 4Page - Intersil Corporation HA5340 Datasheet HTML 5Page - Intersil Corporation HA5340 Datasheet HTML 6Page - Intersil Corporation HA5340 Datasheet HTML 7Page - Intersil Corporation HA5340 Datasheet HTML 8Page - Intersil Corporation HA5340 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
7-9
Specifications HA5340/883
Absolute Maximum Ratings
Thermal Information
Voltage Between V+ and V- Terminals . . . . . . . . . . . . . . . . . . . . 36V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24V
Digital Input Voltage (S/H Pin) . . . . . . . . . . . . . . . . . . . . . . .+8V, -6V
Output Current, Continuous
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .±20mA
Storage Temperature Range . . . . . . . . . . . . . . . . . -65oC to +150oC
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC
Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . . +300oC
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <2000V
Thermal Resistance
θ
JA
θ
JC
CerDIP Package . . . . . . . . . . . . . . . . .
68oC/W
17oC/W
Ceramic LCC Package . . . . . . . . . . . .
68oC/W
18oC/W
Package Power Dissipation at +75oC
CerDip Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5W
Ceramic LCC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5W
Package Power Dissipation Derating Factor Above +75oC
CerDip Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15mW/oC
Ceramic LCC Package . . . . . . . . . . . . . . . . . . . . . . . . . 15mW/oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Operating Conditions
Operating Temperature Range . . . . . . . . . . . . -55oC
≤ T
A ≤ +125
oC
Operating Supply Voltage (
±V
S) . . . . . . . . . . . . . . . . . . . . . . . . . . ±15V
Analog Input Voltage
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±10V
Logic Level Low (VIL) . . . . . . . . . . . . . . . . . . . . . . . . . . . .0V to 0.8V
Logic Level High (VIH) . . . . . . . . . . . . . . . . . . . . . . . . . . 2.0V to 5.0V
TABLE 1. DC ELECTICAL PERFORMANCE CHARACTERISTICS
Device Tested at: V+ = +15V; V- = -15V; VIL = 0.8V (Sample); VIH = 2.0V (Hold); CH = Internal = 135pF; Signal GND = Supply GND,
Unless Otherwise Specified.
PARAMETERS
SYMBOL
CONDITIONS
GROUP A
SUBGROUP
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Input Offset Voltage
VIO
1
+25oC
-1.5
1.5
mV
2, 3
+125oC, -55oC-3
3
mV
Input Bias Current
+IB
1
+25oC
-350
350
nA
2, 3
+125oC, -55oC
-350
350
nA
-IB
1
+25oC
-350
350
nA
2, 3
+125oC, -55oC
-350
350
nA
Input Offset Current
IIO
1
+25oC
-350
350
nA
2, 3
+125oC, -55oC
-350
350
nA
Open Loop Voltage Gain
+AVS
RL = 2kΩ, CL = 60pF,
VOUT = +10V
1
+25oC
110
-
dB
2, 3
+125oC, -55oC
100
-
dB
-AVS
RL = 2kΩ, CL = 60pF,
VOUT = -10V
1
+25oC
110
-
dB
2, 3
+125oC, -55oC
100
-
dB
Common Mode
Rejection Ratio
+CMRR
V+ = 5V, V- = -25V,
VOUT = -10V, VS/H = -9.2V
1
+25oC72
-
dB
2, 3
+125oC, -55oC72
-
dB
-CMRR
V+ = 25V, V- = -5V,
VOUT = +10V, VS/H = 10.8V
1
+25oC72
-
dB
2, 3
+125oC, -55oC72
-
dB
Output Current
+IO
VOUT = +10V
1
+25oC10
-
mA
2, 3
+125oC, -55oC10
-
mA
-IO
VOUT = -10V
1
+25oC
-10
-
mA
2, 3
+125oC, -55oC
-10
-
mA
Output Voltage Swing
+VOP
RL = 2kΩ, CL = 60pF
1
+25oC10
-
V
2, 3
+125oC, -55oC10
-
V
-VOP
RL = 2kΩ, CL = 60pF
1
+25oC
-
-10
V
2, 3
+125oC, -55oC
-
-10
V
CAUTION: These devices are sensitive to electronic discharge. Proper IC handling procedures should be followed.
Spec Number
511117-883



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com