Electronic Components Datasheet Search
  English  ▼

X  

HA5351 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HA5351
Description  64ns Sample and Hold Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA5351 Datasheet(HTML) 3 Page - Intersil Corporation

  HA5351 Datasheet HTML 1Page - Intersil Corporation HA5351 Datasheet HTML 2Page - Intersil Corporation HA5351 Datasheet HTML 3Page - Intersil Corporation HA5351 Datasheet HTML 4Page - Intersil Corporation HA5351 Datasheet HTML 5Page - Intersil Corporation HA5351 Datasheet HTML 6Page - Intersil Corporation HA5351 Datasheet HTML 7Page - Intersil Corporation HA5351 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Full Power Bandwidth
5VP-P, AV = +1, -3dB
Full
-
13
-
MHz
Output Resistance
Hold Mode
25
-
0.02
-
Ω
Total Output Noise
(DC to 10MHz)
Sample Mode
25
-
325
-
µVRMS
Hold Mode
25
-
325
-
µVRMS
DISTORTION CHARACTERISTICS
SAMPLE MODE
Total Harmonic Distortion
VIN = 4.5VP-P, fIN = 100kHz
25
-
-80
-
dBc
VIN = 5VP-P, fIN = 1MHz
25
-
-74
-
dBc
VIN = 1VP-P, fIN = 10MHz
25
-
-57
-
dBc
Signal to Noise Ratio
(RMS Signal to RMS Noise)
VIN = 4.5VP-P, fIN = 100kHz
25
-
73
-
dB
HOLD MODE (50% Duty Cycle S/H)
Total Harmonic Distortion
VIN = 4.5VP-P, fIN = 100kHz,
fS ≅ 100kHz
25
-
-78
-
dBc
VIN = 5VP-P, fIN = 1MHz,
fS ≅ 1MHz
25
-
-72
-
dBc
VIN = 1VP-P, fIN = 10MHz,
fS ≅ 1MHz
25
-
-51
-
dBc
Signal to Noise Ratio
(RMS Signal to RMS Noise)
VIN = 4.5VP-P, fIN = 100kHz,
fS ≅ 100kHz
25
-
70
-
dB
SAMPLE AND HOLD CHARACTERISTICS
Acquisition Time
0V to 2.0V Step to
±1mV
25
-
53
-
ns
0V to 2.0V Step to 0.01%
(
±200µV)
25
-
64
70
ns
-2.5V to +2.5V Step to 0.01%
(
±500µV)
25
-
90
100
ns
Droop Rate
25
-
0.3
-
µV/µs
Full
-2
-
2
µV/µs
Hold Step Error
VIL = 0V, VIH = 4.0V, tR = 5ns
Full
-10
-
+10
mV
Hold Mode Settling Time
To
±1mV
25
-
50
-
ns
Hold Mode Feedthrough
5VP-P, 500kHz, Sine
25
-
72
-
dB
EADT (Effective Aperture Delay Time)
25
-
+1
-
ns
Aperture Time (Note 2)
25
-
10
-
ns
Aperture Uncertainty
25
-
10
20
ps
POWER SUPPLY CHARACTERISTICS
Positive Supply Current
Full
-
20
22
mA
Negative Supply Current
Full
-
20
22
mA
PSRR
10% Delta
Full
60
74
-
dB
NOTES:
2. Derived from Computer Simulation only, not tested.
3. +CMRR is measured from 0V to +2.5V, -CMRR is measured from 0V to -2.5V.
Electrical Specifications
Test Conditions: VSUPPLY = ±5V; CH = Internal = 15pF, Digital Input: VIL = fc0V (Sample), VIH = 4.0V (Hold).
Non-Inverting Unity Gain Configuration (Output Tied to -Input), CL = 5pF,
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP.
(oC)
HA5351I
UNITS
MIN
TYP
MAX
HA5351



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com