Electronic Components Datasheet Search
  English  ▼

X  

HA7210IB Datasheet(PDF) 13 Page - Intersil Corporation

Part # HA7210IB
Description  10kHz to 10MHz, Low Power Crystal Oscillator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA7210IB Datasheet(HTML) 13 Page - Intersil Corporation

Back Button HA7210IB Datasheet HTML 7Page - Intersil Corporation HA7210IB Datasheet HTML 8Page - Intersil Corporation HA7210IB Datasheet HTML 9Page - Intersil Corporation HA7210IB Datasheet HTML 10Page - Intersil Corporation HA7210IB Datasheet HTML 11Page - Intersil Corporation HA7210IB Datasheet HTML 12Page - Intersil Corporation HA7210IB Datasheet HTML 13Page - Intersil Corporation HA7210IB Datasheet HTML 14Page - Intersil Corporation HA7210IB Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
Die Characteristics
DIE DIMENSIONS:
68 mils x 64 mils x 14 mils
METALLIZATION:
Type: SiAl
Thickness: 10k
Å
±1kÅ
SUBSTRATE POTENTIAL:
VSS
PASSIVATION:
Type: Nitride (Si3N4) Over Silox (SiO2, 3% Phos)
Silox Thickness: 7k
Å
±1kÅ
Nitride Thickness: 8k
Å
±1kÅ
Metallization Mask Layout
HA7210
CRYSTAL (2)
CRYSTAL (3)
(6) FREQ 1
(7) FREQ 2
HA7210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com