Electronic Components Datasheet Search
  English  ▼

X  

HC-55564 Datasheet(PDF) 2 Page - Harris Corporation

Part # HC-55564
Description  Continuously Variable Slope Delta-Modulator (CVSD)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

HC-55564 Datasheet(HTML) 2 Page - Harris Corporation

  HC-55564 Datasheet HTML 1Page - Harris Corporation HC-55564 Datasheet HTML 2Page - Harris Corporation HC-55564 Datasheet HTML 3Page - Harris Corporation HC-55564 Datasheet HTML 4Page - Harris Corporation HC-55564 Datasheet HTML 5Page - Harris Corporation HC-55564 Datasheet HTML 6Page - Harris Corporation HC-55564 Datasheet HTML 7Page - Harris Corporation HC-55564 Datasheet HTML 8Page - Harris Corporation HC-55564 Datasheet HTML 9Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
HC-55564
Absolute Maximum Ratings
Thermal Information
Voltage at Any Pin . . . . . . . . . . . . . . . . . . . . GND -0.3V to VDD 0.3V
Maximum VDD Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7.0V
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 175oC
Operating Conditions
Temperature Range
HC-55564-5, -7 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 750C
HC-55564-9 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 850C
HC-55564-2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 1250C
Operating VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4.5V to 6.0V
Thermal Resistance (Typical, Note 1)
θ
JA (
oC/W)
CERDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . .
70
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
85
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
98
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
Die Characteristics
Transistor Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1897
Die Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 147 x 82
Substrate Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +VDD
Process . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . BiMOSE
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θ
JA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
Unless Otherwise Specified, typical parameters are at 25oC, Min-Max are over operating temperature
ranges. VDD = 5.0V, Sampling Rate = 16Kbps, AG = DG = 0V, AIN = 1.2VRMS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Sampling Rate
CLK
Note 2
9
16
64
kbps
Supply Current
IDD
-
0.3
1.5
mA
Logic ‘1’ Input
VIH
Note 3
3.5
-
-
V
Logic ‘0’ Input
VIL
Note 3
-
-
1.5
V
Logic ‘1’ Output
VOH
Note 4
4.0
-
-
V
Logic ‘0’ Output
VOL
Note 4
-
-
0.4
V
Clock Duty Cycle
30
-
70
%
Audio Input Voltage
AIN
AC Coupled (Note 5)
-
0.5
1.2
VRMS
Audio Output Voltage
AOUT
AC Coupled (Note 6)
-
0.5
1.2
VRMS
Audio Input Impedance
ZIN
Note 7
-
280
-
k
Ω
Audio Output Impedance
ZOUT
Note 7
-
150
-
k
Ω
Transfer Gain
AE-D
No Load, Audio In to Audio Out.
-2.0
-
+2.0
dB
Syllabic Filter Time Constant
tSF
Note 8
-
4.0
-
ms
Signal Estimate Filter Time
Constant
tSE
Note 8
1.0
-
-
ms
Enc Threshold
AIN at 100Hz (Note 9), (Typ) 0.3% = 15mVRMS
-6-
mVPEAK
Minimum Step Size
MSS
Note 10
-
0.1
-
%VDD
Quieting Pattern Amplitude
VQP
FZ = 0V or APT = 0V (Note 11)
-
10
-
mVP-P
AGC Threshold
VATH
Note 12
-
0.1
-
F.S.
Clamping Threshold
VCTH
Note 13
-
0.75
-
F.S.
NOTES:
2. There is one NRZ (Non-Return Zero) data bit per clock period. Data is clocked out on the negative clock edge. Data is clocked into the
CVSD on the positive going edge (see Figure 2). Clock may be run at less than 9kbps and greater than 64kbps.
3. Logic inputs are CMOS compatible at supply voltage and are diode protected. Digital data input is NRZ at clock rate.
4. Logic outputs are CMOS compatible at supply voltage and will withstand short-circuits to VDD or ground. Digital data output is NRZ and
changes with negative clock transitions. Each output will drive one LS TTL load.
5. Recommended voice input range for best voice performance. Should be externally AC coupled.
6. May be used for side-tone in encode mode. Should be externally AC coupled. Varies with audio input level by
±2dB.
7. Presents series impedance with audio signal. Zero signal reference is approximately VDD/2.
8. Note that filter time constants are inversely proportional to clock rate. Both filters approximate single pole responses.
9. The minimum audio input voltage above which encoding takes place.
10. The minimum audio output voltage change that can be produced by the internal DAC.
11. Settled value, the “quieting” pattern or idle-channel audio output steps at one-half the bit rate, changing state on negative clock transitions.
12. A logic “0” will appear at the AGC output pin when the recovered signal reaches one-half of full-scale value (positive or negative), i.e., at
VDD/2 ±25% of VDD.
13. The recovered signal will be clamped, and the computation will be inhibited, when the recovered signal reaches three-quarters of full-
scale value, and will unclamp when it falls below this value (positive or negative).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com