Electronic Components Datasheet Search
  English  ▼

X  

HC55150 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HC55150
Description  Low Power Universal SLIC Family
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC55150 Datasheet(HTML) 1 Page - Intersil Corporation

  HC55150 Datasheet HTML 1Page - Intersil Corporation HC55150 Datasheet HTML 2Page - Intersil Corporation HC55150 Datasheet HTML 3Page - Intersil Corporation HC55150 Datasheet HTML 4Page - Intersil Corporation HC55150 Datasheet HTML 5Page - Intersil Corporation HC55150 Datasheet HTML 6Page - Intersil Corporation HC55150 Datasheet HTML 7Page - Intersil Corporation HC55150 Datasheet HTML 8Page - Intersil Corporation HC55150 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
4-1
TM
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil and Design is a trademark of Intersil Corporation. | Copyright
© Intersil Corporation 2000
File Number
4659.5
HC55120, HC55121, HC55130, HC55131, HC55140,
HC55141, HC55142, HC55143, HC55150, HC55151
Low Power Universal SLIC Family
The UniSLIC14 is a family of Ultra Low Power SLICs. The
feature set and common pinouts of the UniSLIC14 family
positions it as a universal solution for: Plain Old Telephone
Service (POTS), PBX, Central Office, Loop Carrier, Fiber in the
Loop, ISDN-TA and NT1+, Pairgain and Wireless Local Loop.
The UniSLIC14 family achieves its ultra low power operation
through: Its automatic single and dual battery selection
(based on line length) and battery tracking anti clipping to
ensure the maximum loop coverage on the lowest battery
voltage. This architecture is ideal for power critical
applications such as ISDN NT1+, Pairgain and Wireless
local loop products.
The UniSLIC14 family has many user programmable
features. This family of SLICs delivers a low noise, low
component count solution for Central Office and Loop
Carrier universal voice grade designs. The product family
integrates advanced pulse metering, test and signaling
capabilities, and zero crossing ring control.
The UniSLIC14 family is designed in the Intersil “Latch” free
Bonded Wafer process. This process dielectrically isolates
the active circuitry to eliminate any leakage paths as found in
our competition’s JI process. This makes the UniSLIC14
family compliant with “hot plug” requirements and operation
in harsh outdoor environments.
Block Diagram
Features
• Ultra Low Active Power (OHT) < 60mW
• Single/Dual Battery Operation
• Automatic Silent Battery Selection
• Power Management/Shutdown
• Battery Tracking Anti Clipping
• Single 5V Supply with 3V Compatible Logic
• Zero Crossing Ring Control
- Zero Voltage On/Zero Current Off
• Tip/Ring Disconnect
• Pulse Metering Capability
• 4 Wire Loopback
• Programmable Current Feed
• Programmable Resistive Feed
• Programmable Loop Detect Threshold
• Programmable On-Hook and Off-Hook Overheads
• Programmable Overhead for Pulse Metering
• Programmable Polarity Reversal Time
• Selectable Transmit Gain 0dB/-6dB
• 2 Wire Impedance Set by Single Network
• Loop and Ground Key Detectors
• On-Hook Transmission
• Common Pinout
• HC55121
- Polarity Reversal
• HC55130
- -63dB Longitudinal Balance
• HC55140
- Polarity Reversal
- Ground Start
- Line Voltage Measurement
- 2 Wire Loopback
- -63dB Longitudinal Balance
• HC55142
- Polarity Reversal
- Ground Start
- Line Voltage Measurement
- 2.2VRMS Pulse Metering
- 2 Wire Loopback
• HC55150
- Polarity Reversal
- Line Voltage Measurement
- 2.2VRMS Pulse Metering
- 2 Wire Loopback
Applications
• Related Literature
- AN9871, User’s Guide for UniSLIC14 Eval Board
RRLY
DT
DR
TIP
RING
VBH
VCC
RING AND TEST
RELAY DRIVERS
RING TRIP
DETECTOR
VBL
BGND
BATTERY
SELECTION
AND
BIAS
NETWORK
ZERO CURRENT
2-WIRE
INTERFACE
CROSSING
TRLY1
TRLY2
VTX
VRX
C1
C2
C3
GKD_LVM
ROH
RD
CDC
RDC_RAC
ZT
CH
LOOP CURRENT
DETECTOR
PTG
ILIM
STATE
DECODER
AND
DETECTOR
LOGIC
GKD/LOOP LENGTH
DETECTOR
RSYNC_REV
SHD
4-WIRE INTERFACE
VF SIGNAL PATH
LINE FEED
CONTROL
C4
C5
CRT_REV_LVM
POLARITY
REVERSAL
PULSE METERING
SPM
SIGNAL PATH
AGND
Data Sheet
June 2000


Similar Part No. - HC55150

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC55150 INTERSIL-HC55150 Datasheet
692Kb / 36P
Low Power Universal SLIC Family
June 1, 2006
logo
Renesas Technology Corp
HC55150 RENESAS-HC55150 Datasheet
1Mb / 36P
Low Power UniSLIC14 Family
HC55150CB RENESAS-HC55150CB Datasheet
1Mb / 36P
Low Power UniSLIC14 Family
HC55150CBZ RENESAS-HC55150CBZ Datasheet
1Mb / 36P
Low Power UniSLIC14 Family
HC55150CM RENESAS-HC55150CM Datasheet
1Mb / 36P
Low Power UniSLIC14 Family
More results

Similar Description - HC55150

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L7554 AGERE-L7554 Datasheet
486Kb / 28P
L7554 Low-Power SLIC
March 1997
L8560 AGERE-L8560 Datasheet
842Kb / 46P
Low-Power SLIC with Ringing
April 2000
logo
Intersil Corporation
HC55180 INTERSIL-HC55180 Datasheet
158Kb / 19P
Extended Reach Ringing SLIC Family
October 1998
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
VoIP Ringing SLIC Family
April 2000
HC55180 INTERSIL-HC55180_05 Datasheet
388Kb / 21P
Extended Reach Ringing SLIC Family
July 13, 2005
HC55120 INTERSIL-HC55120_06 Datasheet
692Kb / 36P
Low Power Universal SLIC Family
June 1, 2006
HC55185 INTERSIL-HC55185_06 Datasheet
358Kb / 20P
VoIP Ringing SLIC Family
December 18, 2006
HC55183 INTERSIL-HC55183_10 Datasheet
465Kb / 19P
Extended Reach Ringing SLIC Family
August 10, 2010
logo
Renesas Technology Corp
HC55183 RENESAS-HC55183 Datasheet
799Kb / 19P
Extended Reach Ringing SLIC Family
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
VoIP Ringing SLIC Family
February 9, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com