Electronic Components Datasheet Search
  English  ▼

X  

HC5520 Datasheet(PDF) 13 Page - Harris Corporation

Part # HC5520
Description  CO/PABX Polarity Reversal Subscriber Line Interface Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

HC5520 Datasheet(HTML) 13 Page - Harris Corporation

Back Button HC5520 Datasheet HTML 9Page - Harris Corporation HC5520 Datasheet HTML 10Page - Harris Corporation HC5520 Datasheet HTML 11Page - Harris Corporation HC5520 Datasheet HTML 12Page - Harris Corporation HC5520 Datasheet HTML 13Page - Harris Corporation HC5520 Datasheet HTML 14Page - Harris Corporation HC5520 Datasheet HTML 15Page - Harris Corporation HC5520 Datasheet HTML 16Page - Harris Corporation HC5520 Datasheet HTML 17Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
FIGURE 12. 2W RETURN LOSS TEST CIRCUIT - NORMAL AND REVERSE MODES
DEFINITION : 2W Return Loss = 20 log[(ZS + ZL) / Abs(ZS - ZL)]. Where ZS is the source impedance and ZL is the load impedance.
PARAMETER
INPUT AT VAC
MEASUREMENT
SPECIFICATIONS FOR 600
Ω
2W Return Loss
0dBm0 at Freq
VTR at Freq
20log[VAC/Abs(2xVTR - VAC)]
600
Ω
RX
TX
TX4W
RPT
RPR
RRGS
RTPS
100k
Ω
50
Ω
100k
Ω
50
Ω
TIP
TIPSEN
RING
RINGSEN
HC5520
TIP
RING
RX
100k
Ω
CVRX
0.47
µF
CVTX
0.47
µF
VRX
VTX
100k
Ω
R4W
VAC
ZS
VTR
ZL
VTHB
FIGURE 13. 4W TO 4W INSERTION LOSS AND TRANSHYBRID BALANCE - NORMAL AND REVERSE MODES
PARAMETER
INPUT AT VRX
MEASUREMENT
SPECIFICATIONS FOR 600
Ω
4W to 4W Insertion Loss
0dBm0 at Freq
VTX at Freq
20log[VRX/VTX]
Transhybrid Balance
0dBm0 at Freq
VTHB at Freq
20log[VRX/VTHB] + 20dB
600
Ω
RX
TX
TX4W
RPT
RPR
RRGS
RTPS
100k
Ω
50
Ω
100k
Ω
50
Ω
TIP
TIPSEN
RING
RINGSEN
HC5520
TIP
RING
RX
100k
Ω
CVRX
0.47
µF
CVTX
0.47
µF
VRX
VTX
100k
Ω
R4W
-
+
100k
Ω
100k
Ω
1M
Ω
FIGURE 14. RECEIVE OVER LOAD LEVEL AT 4W AND 2W TEST CIRCUIT - NORMAL AND REVERSE MODES
INPUT AT VRX
AT 1kHz
SLIC OUTPUT
IMPEDANCE
SLIC
VOLTAGE GAIN
MEASUREMENT
SPECIFICATION
AT 600
Ω
VRX = 2.50VPEAK
600
Ω
0dB
VTR at 2nd to 5th Harmonics
20log(VTR/VRX)
600
Ω
RX
TX
TX4W
RPT
RPR
RRGS
RTPS
100k
Ω
50
Ω
100k
Ω
50
Ω
TIP
TIPSEN
RING
RINGSEN
HC5520
TIP
RING
RX
100k
Ω
CVRX
0.47
µF
CVTX
0.47
µF
VRX
VTX
100k
Ω
R4W
VTR
HC5520



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com