Electronic Components Datasheet Search
  English  ▼

X  

HC55185DIM Datasheet(PDF) 16 Page - Intersil Corporation

Part # HC55185DIM
Description  VoIP Ringing SLIC Family
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC55185DIM Datasheet(HTML) 16 Page - Intersil Corporation

Back Button HC55185DIM Datasheet HTML 9Page - Intersil Corporation HC55185DIM Datasheet HTML 10Page - Intersil Corporation HC55185DIM Datasheet HTML 11Page - Intersil Corporation HC55185DIM Datasheet HTML 12Page - Intersil Corporation HC55185DIM Datasheet HTML 13Page - Intersil Corporation HC55185DIM Datasheet HTML 14Page - Intersil Corporation HC55185DIM Datasheet HTML 15Page - Intersil Corporation HC55185DIM Datasheet HTML 16Page - Intersil Corporation HC55185DIM Datasheet HTML 17Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
4-16
Pin Descriptions
PLCC
SYMBOL
DESCRIPTION
1
TIP
TIP power amplifier output.
2
BGND
Battery Ground - To be connected to zero potential. All loop current and longitudinal current flow from this ground.
Internally separate from AGND but it is recommended that it is connected to the same potential as AGND.
3
VBL
Low battery supply connection.
4
VBH
High battery supply connection for the most negative battery.
5
SW+
Uncommitted switch positive terminal.
6
SW-
Uncommitted switch negative terminal.
7
SWC
Switch control input. This TTL compatible input controls the uncommitted switch, with a logic “0” enabling the switch and
logic “1” disabling the switch.
8
F2
Mode Control Input - MSB. F2-F0 for the TTL compatible parallel control interface for controlling the various modes of
operation of the device.
9
F1
Mode control input.
10
F0
Mode control input.
11
E0
Detector Output Selection Input. This TTL input controls the multiplexing of the SHD (E0 = 1) and GKD (E0 = 0)
comparator outputs to the DET output based upon the state at the F2-F0 pins (see the Device Operating Modes table
shown on page 2).
12
DET
Detector Output - This TTL output provides on-hook/off-hook status of the loop based upon the selected operating mode.
The detected output will either be switch hook, ground key or ring trip (see the Device Operating Modes table shown on
page 2).
13
ALM
Thermal Shutdown Alarm. This pin signals the internal die temperature has exceeded safe operating temperature
(approximately 175oC) and the device has been powered down automatically.
14
AGND
Analog ground reference. This pin should be externally connected to BGND.
15
BSEL
Selects between high and low battery, with a logic “1” selecting the high battery and logic “0” the low battery.
16
TL
Programming pin for the transient current limit feature, set by an external resistor to ground.
17
POL
External capacitor on this pin sets the polarity reversal time.
18
VRS
Ringing Signal Input - Analog input for driving 2-wire interface while in Ring Mode.
19
VRX
Analog Receive Voltage - 4-wire analog audio input voltage. AC couples to CODEC.
20
VTX
Transmit Output Voltage - Output of impedance matching amplifier, AC couples to CODEC.
21
VFB
Feedback voltage for impedance matching. This voltage is scaled to accomplish impedance matching.
22
-IN
Impedance matching amplifier summing node.
23
VCC
Positive voltage power supply, usually +5V.
24
CDC
DC Biasing Filter Capacitor - Connects between this pin and VCC.
25
RTD
Ring trip filter network.
26
ILIM
Loop Current Limit programming resistor.
27
RD
Switch hook detection threshold programming resistor.
28
RING
RING power amplifier output.
HC55185



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com