Electronic Components Datasheet Search
  English  ▼

X  

HC55121IM Datasheet(PDF) 29 Page - Intersil Corporation

Part # HC55121IM
Description  Low Power Universal SLIC Family
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC55121IM Datasheet(HTML) 29 Page - Intersil Corporation

Back Button HC55121IM Datasheet HTML 25Page - Intersil Corporation HC55121IM Datasheet HTML 26Page - Intersil Corporation HC55121IM Datasheet HTML 27Page - Intersil Corporation HC55121IM Datasheet HTML 28Page - Intersil Corporation HC55121IM Datasheet HTML 29Page - Intersil Corporation HC55121IM Datasheet HTML 30Page - Intersil Corporation HC55121IM Datasheet HTML 31Page - Intersil Corporation HC55121IM Datasheet HTML 32Page - Intersil Corporation HC55121IM Datasheet HTML 33Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
4-29
HC55142
(28 LEAD SOIC)
TOP VIEW
HC55150
(28 LEAD SOIC)
TOP VIEW
Pinouts - 28 Lead SOIC Packages (Continued)
ZT
PTG
RRLY
CH
RING
BGND
TIP
VBH
VBL
RDC_RAC
CDC
DT
DR
CRT_REV_LVM
AGND
SPM
VRX
RSYNC_REV
ILIM
RD
SHD
C1
C2
C3
GKD_LVM
VTX
ROH
VCC
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
ZT
PTG
RRLY
CH
RING
BGND
TIP
VBH
VBL
RDC_RAC
CDC
DT
DR
CRT_REV_LVM
AGND
SPM
VRX
RSYNC_REV
ILIM
RD
SHD
C1
C2
C3
LVM
VTX
ROH
VCC
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Pin Descriptions
28
PIN
PLCC
32
PIN
PLCC
28
PIN
SOIC
SYMBOL
DESCRIPTION
1
1
2
PTG
Programmable Transmit Gain - The 2-wire to 4-wire transmission gain is 0dB if this pin is left floating
and -6.02dB if tied to ground. The -6.02dB gain option is useful in systems where Pulse Metering is
used. See Figure 23.
2
2
3
RRLY
Ring Relay Driver Output - The relay coil may be connected to a maximum of 14V.
3
3
4
CH
AC/DC Separation Capacitor - CH is required to properly process the AC current from the DC loop
current. Recommended value 0.1
µF.
4
4
1
ZT
2-Wire Impedance Matching Pin - Impedance matching of the 2-wire side is accomplished by placing
an impedance between the ZT pin and ground. See Equation 32.
5
5
5
RING
Connects via protection resistor RP to ring wire of subscriber pair.
6
6
6
BGND
Battery ground.
7
7
7
TIP
Connects via protection resistor RP to tip wire of subscriber pair.
888
VBH
High Battery Supply (negative with respect to GND).
999
VBL
Low Battery Supply (negative with respect to GND, magnitude
≤ VBH).
10
10
10
RDC_RAC
Resistive Feed/Anti Clipping - Performs anti clipping function on constant current application and sets
the slope of the resistive feed curve for constant voltage applications.
11
11
14
CRT_REV
_LVM
Ring Trip, Soft Polarity Reversal and Line Voltage Measurement - A capacitor when placed between the
CRT_REV_LVM pin and +5V performs 3 mutually exclusive functions. When the SLIC is configured in the
Ringing mode it provides filtering of the ringing signal to prevent false detect. When the SLIC is transitioning
between the Forward Active State and Reverse Active State it provides Soft Polarity Reversal and performs
charge storage in the Line Voltage Measurement State. Recommended value 0.47
µF.
12
12
11
CDC
Filter Capacitor- The CDC Capacitor removes the VF signals from the battery feed control loop.
13
13
12
DT
Tip side of Ring Trip Detector - Ring trip detection is accomplished by connecting an external network
to a detector in the SLIC with inputs DT and DR. Ring trip occurs when the voltage on DT is more
negative than the voltage on DR.
14
14
13
DR
Ring Side of Ring Trip Detector - Ring trip detection is accomplished by connecting an external
network to a detector in the SLIC with inputs DT and DR. Ring trip occurs when the voltage on DR is
more positive than the voltage on DT.
-
15
-
C5
Activates Test Relay TRLY2.
HC55120, HC55121, HC55130, HC55131, HC55140, HC55141, HC55142, HC55143, HC55150, HC55151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com