Electronic Components Datasheet Search
  English  ▼

X  

HC5526CP Datasheet(PDF) 12 Page - Intersil Corporation

Part # HC5526CP
Description  ITU CO/PABX SLIC with Low Power Standby
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5526CP Datasheet(HTML) 12 Page - Intersil Corporation

Back Button HC5526CP Datasheet HTML 8Page - Intersil Corporation HC5526CP Datasheet HTML 9Page - Intersil Corporation HC5526CP Datasheet HTML 10Page - Intersil Corporation HC5526CP Datasheet HTML 11Page - Intersil Corporation HC5526CP Datasheet HTML 12Page - Intersil Corporation HC5526CP Datasheet HTML 13Page - Intersil Corporation HC5526CP Datasheet HTML 14Page - Intersil Corporation HC5526CP Datasheet HTML 15Page - Intersil Corporation HC5526CP Datasheet HTML 16Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
68
Figure 19 illustrates battery backed unbalanced ring injected
ringing. For tip injected ringing just reverse the leads to the
phone. The ringing source could also be balanced.
NOTE: The DET output will toggle at 20Hz because the DT input is
not completely filtered by CRT. Software can examine the duty cycle
and determine if the DET pin is low for more that half the time, if so
the off-hook condition is indicated.
Longitudinal Impedance
The feedback loop described in Figure 20(A, B) realizes the
desired longitudinal impedances from tip to ground and from
ring to ground. Nominal longitudinal impedance is resistive
and in the order of 22
Ω.
In the presence of longitudinal currents this circuit
attenuates the voltages that would otherwise appear at the
tip and ring terminals, to levels well within the common mode
range of the SLIC. In fact, longitudinal currents may exceed
the programmed DC loop current without disturbing the
SLIC’s VF transmission capabilities.
The function of this circuit is to maintain the tip and ring
voltages symmetrically around VBAT/2, in the presence of
longitudinal currents. The differential transconductance
amplifiers GT and GR accomplish this by sourcing or sinking
the required current to maintain VC at VBAT/2.
When a longitudinal current is injected onto the tip and ring
inputs, the voltage at VC moves from it’s equilibrium value
VBAT/2. When VC changes by the amount ∆VC, this change
appears between the input terminals of the differential
transconductance amplifiers GT and GR. The output of GT
and GR are the differential currents ∆I1 and ∆I2, which in
turn feed the differential inputs of current sources IT and IR
respectively. IT and IR have current gains of 250 single
ended and 500 differentially, thus leading to a change in IT
and IR that is equal to 500(∆I) and 500(∆I2).
The circuit shown in Figure 20(B) illustrates the tip side of
the longitudinal network. The advantages of a differential
input current source are: improved noise since the noise due
to current source 2IO is now correlated, power savings due
to differential current gain and minimized offset error at the
Operational Amplifier inputs via the two 5k
Ω resistors.
Digital Logic Inputs
Table 1 is the logic truth table for the TTL compatible logic
input pins. The HC5526 has two enable inputs pins (E0, E1)
and two control inputs pins (C1, C2).
The enable pin E0 is used to enable or disable the DET
output pin. The DET pin is enabled if E0 is at a logic level 0
and disabled if E0 is at a logic level 1.
The enable pin E1 gates the ground key detector to the DET
output with a logic level 0, and gates the loop or ring trip
detector to the DET output with a logic level 1.
A combination of the control pins C1 and C2 is used to
select 1 of the 4 possible operating states. A description of
each operating state and the control logic follow:
Open Circuit State (C1 = 0, C2 = 0)
In this state the SLIC is effectively off. All detectors and both
the tip and ring line drive amplifiers are powered down,
presenting a high impedance to the line. Power dissipation is
at a minimum.
HC5526
DET
RD
R2
gm1
gm2
gm1(IMETALLIC)
RD
CD
VREF
-
CURRENT
LOOP
VEE
-5V
GROUND
KEY
COMPARATOR
gm2(ITIP - IRING)
IRD
RH
I1
D1
D2
IGK
RING
TIP
+
-
R1
+
-
CASE 1
CASE 2
CASE 3
IMETALLIC
←
ILONGITUDINAL
←
ILONGITUDINAL
→
COMPARATOR
DIGITAL MULTIPLEXER
+
-
1.25V
+
-
RH
FIGURE 18. LOOP CURRENT AND GROUND KEY DETECTORS
TIP
RING
HC5526
RRT
VBAT
ERG
R3
R4
R2
R1
DR
DT
RING TRIP
COMPARATOR
DET
CRT
RINGRLY
RING
RELAY
+
-
FIGURE 19. RING TRIP CIRCUIT FOR BATTERY BACKED RINGING
HC5526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com