Electronic Components Datasheet Search
  English  ▼

X  

HC55183ECM Datasheet(PDF) 16 Page - Intersil Corporation

Part # HC55183ECM
Description  Extended Reach Ringing SLIC Family
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC55183ECM Datasheet(HTML) 16 Page - Intersil Corporation

Back Button HC55183ECM Datasheet HTML 11Page - Intersil Corporation HC55183ECM Datasheet HTML 12Page - Intersil Corporation HC55183ECM Datasheet HTML 13Page - Intersil Corporation HC55183ECM Datasheet HTML 14Page - Intersil Corporation HC55183ECM Datasheet HTML 15Page - Intersil Corporation HC55183ECM Datasheet HTML 16Page - Intersil Corporation HC55183ECM Datasheet HTML 17Page - Intersil Corporation HC55183ECM Datasheet HTML 18Page - Intersil Corporation HC55183ECM Datasheet HTML 19Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
43
Basic Application Circuits
VRX
VRS
TIP
VFB
BGND
AGND
VCC
RING
VTX
-IN
VBL
VBH
RD
RTD
CDC
ILIM
E0
F2
F1
F0
FIGURE 14. HC55180 BASIC APPLICATION CIRCUIT
DET
ALM
HC55180
VCC
POL
CRX
CRS
CTX
RIL
CFB
RS
RSH
CRT
RRT
CPOL
CPS1
CDC
CPS3
U1
RP1
RP2
TABLE 2. BASIC APPLICATION CIRCUIT COMPONENT LIST
COMPONENT
VALUE
TOLERANCE
RATING
U1 - Ringing SLIC
HC5518x
N/A
N/A
RRT
20k
Ω
1%
0.1W
RSH
49.9k
Ω
1%
0.1W
RIL
71.5k
Ω
1%
0.1W
RS
210k
Ω
1%
0.1W
CRX, CRS, CTX, CRT, CPOL, CFB
0.47
µF
20%
10V
CDC
4.7
µF
20%
10V
CPS1
0.1
µF
20%
>100V
CPS2, CPS3
0.1
µF
20%
100V
D1
1N400X type with breakdown > 100V.
RP1, RP2
Protection resistor values are application dependent and will be determined by protection re-
quirements. Standard applications will use
≥ 35Ω per side.
Design Parameters: Ring Trip Threshold = 90mAPEAK, Switch Hook Threshold = 12mA, Loop Current Limit = 24.6mA, Synthesize Device Im-
pedance = 210k
Ω/400 = 525Ω, with 39Ω protection resistors, impedance across Tip and Ring terminals = 603Ω. Where applicable, these compo-
nent values apply to the Basic Application Circuits for the HC55180, HC55181, HC55182, HC55183 and HC55184. Pins not shown in the Basic
Application Circuit are no connect (NC) pins.
HC55180, HC55181, HC55182, HC55183, HC55184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com