Electronic Components Datasheet Search
  English  ▼

X  

AD9012 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9012
Description  High Speed 8-Bit TTL A/D Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9012 Datasheet(HTML) 1 Page - Analog Devices

  AD9012 Datasheet HTML 1Page - Analog Devices AD9012 Datasheet HTML 2Page - Analog Devices AD9012 Datasheet HTML 3Page - Analog Devices AD9012 Datasheet HTML 4Page - Analog Devices AD9012 Datasheet HTML 5Page - Analog Devices AD9012 Datasheet HTML 6Page - Analog Devices AD9012 Datasheet HTML 7Page - Analog Devices AD9012 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. F
a
AD9012
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
High Speed 8-Bit
TTL A/D Converter
FUNCTIONAL BLOCK DIAGRAM
256
255
128
127
2
1
D
E
C
O
D
I
N
G
L
O
G
I
C
L
A
T
C
H
R
R
R
R/2
R/2
R
R
OVERFLOW
INH
ANALOG IN
VREF
REFMID
VREF
ENCODE
GND
HYSTERESIS
VS
D2
D3
D4
D5
D6
D7
D8 (MSB)
OVERFLOW
AD9012
D1 (LSB)
VS
FEATURES
100 MSPS ENCODE Rate
Very Low Input Capacitance—16 pF
Low Power—1 W
TTL Compatible Outputs
MIL-STD-883 Compliant Versions Available
APPLICATIONS
Radar Guidance
Digital Oscilloscopes/ATE Equipment
Laser/Radar Warning Receivers
Digital Radio
Electronic Warfare (ECM, ECCM, ESM)
Communication/Signal Intelligence
GENERAL DESCRIPTION
The AD9012 is an 8-bit, ultrahigh speed, analog-to-digital
converter. The AD9012 is fabricated in an advanced bipolar
process that allows operation at sampling rates up to 100
megasamples/second. Functionally, the AD9012 is comprised
of 256 parallel comparator stages whose outputs are decoded
to drive the TTL compatible output latches.
The exceptionally wide large-signal analog input bandwidth of
160 MHz is due to an innovative comparator design and very
close attention to device layout considerations. The wide input
bandwidth of the AD9012 allows very accurate acquisition of
high speed pulse inputs without an external track-and-hold.
The comparator output decoding scheme minimizes false codes,
which is critical to high speed linearity.
The AD9012 is available in two grades: one with 0.5 LSB
linearity and one with 0.75 LSB linearity. Both versions are
offered in an industrial grade, –25
°C to +85°C, packaged in a
28-lead DIP and a 28-lead JLCC. The military temperature
range devices, –55
°C to +125°C, are available in ceramic DIP
and LCC packages and are compliant to MIL-STD-883 Class B.
The AD9012 is available in versions compliant with MIL-STD-883.
Refer to the Analog Devices Military Products Databook or
current AD9012/883B data sheet for detailed specifications.


Similar Part No. - AD9012

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9012 AD-AD9012 Datasheet
141Kb / 8P
High Speed 8-Bit TTL A/D Converter
REV.D
AD9012AJ AD-AD9012AJ Datasheet
141Kb / 8P
High Speed 8-Bit TTL A/D Converter
REV.D
AD9012AQ AD-AD9012AQ Datasheet
141Kb / 8P
High Speed 8-Bit TTL A/D Converter
REV.D
AD9012BJ AD-AD9012BJ Datasheet
141Kb / 8P
High Speed 8-Bit TTL A/D Converter
REV.D
AD9012BQ AD-AD9012BQ Datasheet
141Kb / 8P
High Speed 8-Bit TTL A/D Converter
REV.D
More results

Similar Description - AD9012

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9012 AD-AD9012 Datasheet
141Kb / 8P
High Speed 8-Bit TTL A/D Converter
REV.D
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
logo
List of Unclassifed Man...
SPT1018 ETC1-SPT1018 Datasheet
160Kb / 11P
8-BIT, HIGH SPEED D/A CONVERTER
logo
Intersil Corporation
HI1106 INTERSIL-HI1106 Datasheet
691Kb / 14P
8-Bit, 35 MSPS, High Speed D/A Converter (TTL Input)
January 1998
logo
Integrated Circuit Syst...
MN3014 ICST-MN3014 Datasheet
616Kb / 2P
High-speed 8-bit D/A Converter
logo
List of Unclassifed Man...
SPT1019 ETC2-SPT1019 Datasheet
801Kb / 12P
8-BIT, HIGH SPEED D/A CONVERTER
logo
Cadeka Microcircuits LL...
SPT1019 CADEKA-SPT1019 Datasheet
4Mb / 12P
8-BIT, HIGH SPEED D/A CONVERTER
logo
API Technologies Corp
MN3014 APITECH-MN3014 Datasheet
620Kb / 2P
High-speed 8-bit D/A Converter
logo
Analog Devices
AD9002 AD-AD9002_15 Datasheet
645Kb / 8P
High Speed 8-Bit Monolithic A/D Converter
REV. G
DAC08 AD-DAC08_16 Datasheet
359Kb / 21P
8-Bit, High Speed, Multiplying D/A Converter
3/16-Rev. C to Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com