Electronic Components Datasheet Search
  English  ▼

X  

AD9230 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9230
Description  12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9230 Datasheet(HTML) 3 Page - Analog Devices

  AD9230_15 Datasheet HTML 1Page - Analog Devices AD9230_15 Datasheet HTML 2Page - Analog Devices AD9230_15 Datasheet HTML 3Page - Analog Devices AD9230_15 Datasheet HTML 4Page - Analog Devices AD9230_15 Datasheet HTML 5Page - Analog Devices AD9230_15 Datasheet HTML 6Page - Analog Devices AD9230_15 Datasheet HTML 7Page - Analog Devices AD9230_15 Datasheet HTML 8Page - Analog Devices AD9230_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
AD9230
Rev. 0 | Page 3 of 32
SPECIFICATIONS
DC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, TMIN = −40°C, TMAX = +85°C, fIN = −1.0 dBFS, full scale = 1.25 V, DCS enabled, unless otherwise noted.
Table 1.
AD9230-170
AD9230-210
AD9230-250
Parameter1
Temp
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
12
12
12
Bits
ACCURACY
No Missing Codes
Full
Guaranteed
Guaranteed
Guaranteed
Offset Error
25°C
4.2
4.3
4.5
mV
Full
−12
12
−12
12
−12
12
mV
Gain Error
25°C
0.89
1.0
1.1
mV
Full
−1.5
3.5
−1.5
3.5
−1.5
3.5
% FS
Differential Nonlinearity
25°C
±0.3
±0.3
±0.3
LSB
(DNL)
Full
−0.5
0.5
−0.5
0.5
−0.6
0.6
LSB
Integral Nonlinearity (INL)
25°C
±0.5
±0.4
±0.5
LSB
Full
−0.75
0.75
−0.75
0.75
−1.0
+1.0
LSB
TEMPERATURE DRIFT
Offset Error
Full
±9
±8
±7
μV/°C
Gain Error
Full
0.019
0.021
0.018
%/°C
ANALOG INPUTS (VIN+, VIN−)
Differential Input Voltage Range2
Full
0.98
1.25
1.5
0.98
1.25
1.5
0.98
1.25
1.5
V p-p
Input Common-Mode Voltage
Full
1.4
1.4
1.4
V
Input Resistance (Differential)
Full
4.3
4.3
4.3
kΩ
Input Capacitance
25°C
2
2
2
pF
POWER SUPPLY
AVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
V
DRVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
V
Supply Currents
IAVDD3
Full
136
145
154
164
181
194
mA
IDRVDD3/SDR Mode4
Full
58
61
59
62
60
63
mA
IDRVDD3/DDR Mode5
Full
39
40
41
mA
Power Dissipation3
Full
mW
SDR Mode4
Full
349
371
383
407
434
463
mW
DDR Mode5
Full
315
349
400
mW
1 See the AN-835 Application Note, “Understanding High Speed ADC Testing and Evaluation,” for a complete set of definitions and how these tests were completed.
2 The input range is programmable through the SPI, and the range specified reflects the nominal values of each setting. See the Memory Map section.
3 IAVDD and IDRVDD are measured with a −1 dBFS, 10.3 MHz sine input at rated sample rate.
4 Single data rate mode; this is the default mode of the AD9230.
5 Double data rate mode; user-programmable feature. See the Memory Map section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com