Electronic Components Datasheet Search
  English  ▼

X  

KST9013 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KST9013
Description  NPN Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KST9013 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  KST9013 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KST9013 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
SMD Type
IC
Transistors
SMD Type
Typical Characteristics
KST9013
1
10
100
10
100
1000
1
10
100
10
100
0.1
1
10
1
100
10
100
1000
0
25
50
75
100
125
150
0
100
200
300
400
0.0
0.2
0.4
0.6
0.8
1.0
0.1
1
10
100
1
10
100
0.0
0.4
0.8
1.2
0
4
8
12
16
20
0
20
40
60
80
100
f
T
—— I
C
h
FE
——
COMMON EMITTER
V
CE=1V
3
30
500
T
a=100
℃
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
I
C
30
300
30
3
COLLECTOR CURRENT I
C
(mA)
β=10
T
a=25
℃
T
a=100
℃
I
C
V
CEsat
——
500
500
100
30
10
3
3
0.3
20
C
ob
C
ib
REVERSE VOLTAGE V (V)
f=1MHz
I
E=0/ IC=0
T
a=25
℃
V
CB/ VEB
C
ob/ Cib
——
300
10
30
V
CE=6V
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
AMBIENT TEMPERATURE T
a
( )
℃
P
C ——
T
a
V
BE
I
C
——
30
3
0.3
T
a=25
℃
T
a=100
℃
COMMON EMITTER
V
CE=1V
BASE-EMMITER VOLTAGE V
BE (V)
30
3
β=10
COLLECTOR CURRENT I
C
(mA)
T
a=25
℃
T
a=100
℃
500
I
C
V
BEsat
——
Static Characteristic
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
400uA
350uA
300uA
250uA
200uA
150uA
100uA
I
B=50uA
COMMON
EMITTER
T
a=25
℃



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com