Electronic Components Datasheet Search
  English  ▼

X  

A733 Datasheet(PDF) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # A733
Description  Collector-Base Voltage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

A733 Datasheet(HTML) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  A733 Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED A733 Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-Encapsulate Transistors
FEATURES
Collector-Base Voltage
Complement to C945
MARKING: CS
MAXIMUM RATINGS (TA=25
unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
V
CBO
-60
V
Collector-Emitter Voltage
V
CEO
-50
V
Emitter-Base Voltage
V
EBO
-5
V
Collector Current -Continuous
I
C
0.15
A
Collector Power Dissipation
PC
0.2
W
Junction Temperature
T
J
150
Storage Temperature
Tstg
-55 to +150
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
VCBO
IC= -5uA,IE=0
-60
V
Collector-emitter breakdown voltage
VCEO
IC= -1mA ,
IB=0
-50
V
Emitter-base breakdown voltage
VEBO
IE= -50uA, IC=0
-5
V
Collector cut-off current
ICBO
VCB= -60 V ,
IE=0
-0.1
uA
Emitter cut-off current
IEBO
VEB= -5 V ,
IC=0
-0.1
uA
DC current gain
hFE
VCE= -6 V, IC= -1mA
120
475
Collector-emitter saturation voltage
VCE(sat)
IC= -100mA, IB=- 10mA
-0.18
-0.3
V
Base-emitter voltage
VBE(on)
VCE=-6V,IC=-1.0mA
-0.58
-0.62
-0.68
V
Transition frequency
fT
VCE=-6V,IC=-10mA
50
MHz
Collector output capacitance
Cob
VCB=-10V,IE=0,f=1MHZ
4.5
7
pF
Noise figure
NF
VCE=-6V,IC=-0.3mA,
Rg=10kΩ,f=100HZ
6
20
dB
CLASSIFICATIONOF
hFE
Rank
L
H
Range
120-220
220-475
(PNP)
1. BASE
2. EMITTER
SOT-23
3. COLLECTO
A733
MAKO Semiconductor Co., Limited 4008-378-873 http://www.makosemi.hk/


Similar Part No. - A733

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A733 ETC-A733 Datasheet
976Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Stanson Technology
A733 STANSON-A733 Datasheet
80Kb / 1P
PNP TRANSISTOR
logo
Daya Electric Group Co....
A733 DAYA-A733 Datasheet
134Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Intersil Corporation
A733 INTERSIL-A733 Datasheet
4Mb / 122P
P-CHANNEL JFET
logo
Weitron Technology
A733 WEITRON-A733 Datasheet
157Kb / 2P
PNP Transistor
More results

Similar Description - A733

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N2356 NJSEMI-2N2356 Datasheet
236Kb / 1P
COLLECTOR TO BASE VOLTAGE
logo
MAKO SEMICONDUCTOR CO.,...
A733 MAKOSEMI-A733 Datasheet
105Kb / 2P
Collector-Base Voltage
logo
Kingtronics Internation...
BC807 KINGTRONICS-BC807 Datasheet
296Kb / 2P
Collector Base Voltage
BC817 KINGTRONICS-BC817 Datasheet
412Kb / 2P
Collector Base Voltage
BC846 KINGTRONICS-BC846 Datasheet
507Kb / 2P
Collector Base Voltage
BC856 KINGTRONICS-BC856 Datasheet
399Kb / 2P
Collector Base Voltage
MMBT9018 KINGTRONICS-MMBT9018 Datasheet
294Kb / 2P
Collector Base Voltage
logo
Central Semiconductor C...
PN4033 CENTRAL-PN4033 Datasheet
404Kb / 3P
Collector-Base Voltage
logo
Guangdong Kexin Industr...
2SA733 KEXIN-2SA733 Datasheet
1Mb / 2P
Collector-Base Voltage: VCBO=-60V
logo
SHIKUES Electronics
2SD1619 SKTECHNOLGY-2SD1619 Datasheet
845Kb / 3P
Power dissipation, Collector base voltage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com