Electronic Components Datasheet Search
  English  ▼

X  

HCS164D Datasheet(PDF) 1 Page - Intersil Corporation

Part # HCS164D
Description  Radiation Hardened 8-Bit Serial-In/Parallel-Out Register
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS164D Datasheet(HTML) 1 Page - Intersil Corporation

  HCS164D Datasheet HTML 1Page - Intersil Corporation HCS164D Datasheet HTML 2Page - Intersil Corporation HCS164D Datasheet HTML 3Page - Intersil Corporation HCS164D Datasheet HTML 4Page - Intersil Corporation HCS164D Datasheet HTML 5Page - Intersil Corporation HCS164D Datasheet HTML 6Page - Intersil Corporation HCS164D Datasheet HTML 7Page - Intersil Corporation HCS164D Datasheet HTML 8Page - Intersil Corporation HCS164D Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
230
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
Ordering Information
PART NUMBER
TEMPERATURE RANGE
SCREENING LEVEL
PACKAGE
HCS164DMSR
-55oC to +125oC
Intersil Class S Equivalent
14 Lead SBDIP
HCS164KMSR
-55oC to +125oC
Intersil Class S Equivalent
14 Lead Ceramic Flatpack
HCS164D/Sample
+25oC
Sample
14 Lead SBDIP
HCS164K/Sample
+25oC
Sample
14 Lead Ceramic Flatpack
HCS164HMSR
+25oC
Die
Die
HCS164MS
Radiation Hardened
8-Bit Serial-In/Parallel-Out Register
Pinouts
14 LEAD CERAMIC DUAL-IN-LINE
METAL SEAL PACKAGE (SBDIP)
MIL-STD-1835 CDIP2-T14, LEAD FINISH C
TOP VIEW
14 LEAD CERAMIC METAL SEAL
FLATPACK PACKAGE (FLATPACK)
MIL-STD-1835 CDFP3-F14, LEAD FINISH C
TOP VIEW
DS1
DS2
Q0
Q1
Q2
Q3
GND
VCC
Q7
Q6
Q5
Q4
MR
CP
1
2
3
4
5
6
7
14
13
12
11
10
9
8
DS1
DS2
Q0
Q1
Q2
Q3
GND
VCC
Q7
Q6
Q5
Q4
MR
CP
14
13
12
11
10
9
8
2
3
4
5
6
7
1
Features
• 3 Micron Radiation Hardened CMOS SOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/
Bit-Day (Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset >1010 RAD (Si)/s 20ns Pulse
• Latch-Up-Free Under Any Conditions
• Fanout (Over Temperature Range)
- Standard Outputs - 10 LSTTL Loads
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
- VIL = 0.3 VCC Max
- VIH = 0.7 VCC Min
• Input Current Levels Ii
≤ 5µA at VOL, VOH
Description
The Intersil HCS164MS is a Radiation Hardened 8-bit
Serial-In/Parallel-Out Shift Register that has fully synchro-
nous serial data entry and an asynchronous master reset.
The HCS164MS utilizes advanced CMOS/SOS technology
to achieve high-speed operation. This device is a member of
radiation hardened, high-speed, CMOS/SOS Logic Family.
The HCS164MS is supplied in a 14 lead Ceramic flatpack
(K suffix) or a SBDIP Package (D suffix).
September 1995
Spec Number
518756
File Number
2465.2


Similar Part No. - HCS164D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS164D INTERSIL-HCS164D Datasheet
223Kb / 9P
Radiation Hardened 8-Bit Serial-In/Parallel-Out Register
September 1995
logo
Renesas Technology Corp
HCS164D RENESAS-HCS164D Datasheet
431Kb / 9P
Radiation Hardened 8-Bit Serial-In/Parallel-Out Register
September 1995
logo
Intersil Corporation
HCS164DMSR INTERSIL-HCS164DMSR Datasheet
223Kb / 9P
Radiation Hardened 8-Bit Serial-In/Parallel-Out Register
September 1995
logo
Renesas Technology Corp
HCS164DMSR RENESAS-HCS164DMSR Datasheet
431Kb / 9P
Radiation Hardened 8-Bit Serial-In/Parallel-Out Register
September 1995
More results

Similar Description - HCS164D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC164 FAIRCHILD-74VHC164 Datasheet
110Kb / 8P
8-Bit Serial-In, Parallel-Out Shift Register
DM74LS164 FAIRCHILD-DM74LS164 Datasheet
61Kb / 5P
8-Bit Serial In/Parallel Out Shift Register
DM74LS166 FAIRCHILD-DM74LS166 Datasheet
78Kb / 6P
8-Bit Parallel-In/Serial-Out Shift Register
logo
Intersil Corporation
HCS166MS INTERSIL-HCS166MS Datasheet
227Kb / 9P
Radiation Hardened 8-Bit Parallel-Input/Serial Output Shift Register
September 1995
HCTS164MS INTERSIL-HCTS164MS Datasheet
223Kb / 9P
Radiation Hardened 8-Bit Serial-In/Parallel-Out Register
September 1995
HCTS164MS INTERSIL-HCTS164MS_02 Datasheet
271Kb / 8P
Radiation Hardened 8-Bit Serial-In/Parallel-Out Shift Register
August 1995
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Renesas Technology Corp
HCS164MS RENESAS-HCS164MS Datasheet
431Kb / 9P
Radiation Hardened 8-Bit Serial-In/Parallel-Out Register
September 1995
HCS166MS RENESAS-HCS166MS Datasheet
447Kb / 9P
Radiation Hardened 8-Bit Parallel-Input/Serial Output Shift Register
September 1995
HCTS164MS RENESAS-HCTS164MS Datasheet
442Kb / 8P
Radiation Hardened 8-Bit Serial-In/Parallel-Out Shift Register
August 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com