Electronic Components Datasheet Search
  English  ▼

X  

HCS27K Datasheet(PDF) 5 Page - Intersil Corporation

Part # HCS27K
Description  Radiation Hardened Triple 3-Input NOR Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS27K Datasheet(HTML) 5 Page - Intersil Corporation

  HCS27K Datasheet HTML 1Page - Intersil Corporation HCS27K Datasheet HTML 2Page - Intersil Corporation HCS27K Datasheet HTML 3Page - Intersil Corporation HCS27K Datasheet HTML 4Page - Intersil Corporation HCS27K Datasheet HTML 5Page - Intersil Corporation HCS27K Datasheet HTML 6Page - Intersil Corporation HCS27K Datasheet HTML 7Page - Intersil Corporation HCS27K Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
67
Specifications HCS27MS
TABLE 7. TOTAL DOSE IRRADIATION
CONFORMANCE
GROUPS
METHOD
TEST
READ AND RECORD
PRE RAD
POST RAD
PRE RAD
POST RAD
Group E Subgroup 2
5005
1, 7, 9
Table 4
1, 9
Table 4 (Note 1)
NOTE:
1. Except FN test which will be performed 100% Go/No-Go.
TABLE 8. STATIC AND DYNAMIC BURN-IN TEST CONNECTIONS
OPEN
GROUND
1/2 VCC = 3V
± 0.5V
VCC = 6V
± 0.5V
OSCILLATOR
50kHz
25kHz
STATIC BURN-IN I TEST CONDITIONS (Note 1)
6, 8, 12
1 - 5, 7, 9, 10, 11, 13
-
14
-
-
STATIC BURN-IN II TEST CONNECTIONS (Note 1)
6, 8, 12
7
-
1 - 5, 9, 10, 11, 13, 14
-
-
DYNAMIC BURN-IN TEST CONNECTIONS (Note 2)
-
7
6, 8, 12
14
1 - 5, 9, 10, 11, 13
-
NOTES:
1. Each pin except VCC and GND will have a resistor of 10K
Ω± 5% for static burn-in.
2. Each pin except VCC and GND will have a resistor of 1K
Ω± 5% for dynamic burn-in.
TABLE 9. IRRADIATION TEST CONNECTIONS
OPEN
GROUND
VCC = 5V
± 0.5V
6, 8, 12
7
1 - 5, 9, 10, 11, 13, 14
NOTE: Each pin except VCC and GND will have a resistor of 47K
Ω± 5% for irradiation testing.
Group E, Subgroup 2, sample size is 4 dice/wafer 0 failures.
Spec Number
518766



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com