Electronic Components Datasheet Search
  English  ▼

X  

SR201C104FART Datasheet(PDF) 3 Page - AVX Corporation

Part # SR201C104FART
Description  Radial Leads/SkyCap/SR Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SR201C104FART Datasheet(HTML) 3 Page - AVX Corporation

  SR201C104FART Datasheet HTML 1Page - AVX Corporation SR201C104FART Datasheet HTML 2Page - AVX Corporation SR201C104FART Datasheet HTML 3Page - AVX Corporation SR201C104FART Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
17
Radial Leads/SkyCap
®/SR Series
X7R Dielectric
AVX Style
SR15
SR20
SR21
SR22
SR27
SR30
SR40
SR50
AVX “Insertable”
SR07
SR29
SR59
N/A
N/A
SR65
SR75
N/A
Width
3.81
5.08
5.08
5.08
6.604
7.62
10.16
12.70
(W)
(.150)
(.200)
(.200)
(.200)
(.260)
(.300)
(.400)
(.500)
Height
3.81
5.08
5.08
5.08
6.35
7.62
10.16
12.70
(H)
(.150)
(.200)
(.200)
(.200)
(.250)
(.300)
(.400)
(.500)
Thickness
2.54
3.175
3.175
3.175
4.06
3.81
3.81
5.08
(T)
(.100)
(.125)
(.125)
(.125)
(.160)
(.150)
(.150)
(.200)
Lead Spacing
2.54
2.54
5.08
6.35
7.62
5.08
5.08
10.16
(L.S.)
(.100)
(.100)
(.200)
(.250)
(.300)
(.200)
(.200)
(.400)
Lead Diameter
.508
.508
.508
.508
.508
.508
.508
.635
(L.D.)
(.020)
(.020)
(.020)
(.020)
(.020)
(.020)
(.020)
(.025)
Cap. in.* Industry Preferred
WVDC
WVDC
WVDC
WVDC
WVDC
WVDC
WVDC
WVDC
pF
Values in Blue
200 100 50
200 100
50
200 100
50 100
50
100
50 200 100
50
200 100
50
200
100
50
470
SR-----C471KAA
1000
SR155C102KAA
1500
SR-----C152KAA
2200
SR-----C222KAA
3300
SR-----C332KAA
4700
SR-----C472KAA
6800
SR-----C682KAA
10,000
SR215C103KAA
15,000
SR-----C153KAA
22,000
SR-----C223KAA
33,000
SR-----C333KAA
47,000
SR-----C473KAA
68,000
SR-----C683KAA
100,000
SR215C104KAA
150,000
SR-----C154KAA
220,000
SR215C224KAA
330,000
SR-----C334KAA
390,000
SR-----C394KAA
470,000
SR305C474KAA
1.0 uF
SR305C105KAA
2.2 uF
SR405C225KAA
2.7 uF
SR505C275KAA
4.7 uF
SR505C475KAA
10.0 uF
SR655C106KAA
= Industry preferred values
= Extended range
= Extended range with 0.150" thickness maximum
SIZE AND CAPACITANCE SPECIFICATIONS
EIA Characteristic
Dimensions: Millimeters (Inches)
For other styles, voltages, tolerances and lead lengths see Part No. Codes or contact factory.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com