Electronic Components Datasheet Search
  English  ▼

X  

HCTS75MS Datasheet(PDF) 3 Page - Intersil Corporation

Part # HCTS75MS
Description  Radiation Hardened Dual 2-Bit Bistable Transparent Latch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS75MS Datasheet(HTML) 3 Page - Intersil Corporation

  HCTS75MS Datasheet HTML 1Page - Intersil Corporation HCTS75MS Datasheet HTML 2Page - Intersil Corporation HCTS75MS Datasheet HTML 3Page - Intersil Corporation HCTS75MS Datasheet HTML 4Page - Intersil Corporation HCTS75MS Datasheet HTML 5Page - Intersil Corporation HCTS75MS Datasheet HTML 6Page - Intersil Corporation HCTS75MS Datasheet HTML 7Page - Intersil Corporation HCTS75MS Datasheet HTML 8Page - Intersil Corporation HCTS75MS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
472
Specifications HCTS75MS
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
GROUP
A SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Propagation Delay
D to Q
TPLH
VCC = 4.5V, VIH = 3.0V,
VIL = 0V
9
+25oC
2
19
ns
10, 11
+125oC, -55oC
2
24
ns
TPHL
VCC = 4.5V, VIH = 3.0V,
VIL = 0V
9
+25oC
2
27
ns
10, 11
+125oC, -55oC
2
35
ns
Propagation Delay
D to Q
TPLH
VCC = 4.5V, VIH = 3.0V,
VIL = 0V
9
+25oC
2
23
ns
10, 11
+125oC, -55oC
2
29
ns
TPHL
VCC = 4.5V, VIH = 3.0V,
VIL = 0V
9
+25oC
2
19
ns
10, 11
+125oC, -55oC
2
22
ns
Propagation Delay
E to Q
TPLH
VCC = 4.5V, VIH = 3.0V,
VIL = 0V
9
+25oC
2
21
ns
10, 11
+125oC, -55oC
2
25
ns
TPHL
VCC = 4.5V, VIH = 3.0V,
VIL = 0V
9
+25oC
2
20
ns
10, 11
+125oC, -55oC
2
23
ns
Propagation Delay
E to Q
TPLH
VCC = 4.5V, VIH = 3.0V,
VIL = 0V
9
+25oC
2
24
ns
10, 11
+125oC, -55oC
2
29
ns
TPHL
VCC = 4.5V, VIH = 3.0V,
VIL = 0V
9
+25oC
2
28
ns
10, 11
+125oC, -55oC
2
34
ns
NOTES:
1. All voltages referenced to device GND.
2. Measurements made with RL = 500
Ω, CL = 50pF, Input TR = TF = 3ns.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Capacitance Power
Dissipation
CPD
VCC = 5.0V, f = 1MHz
1
+25oC
-
36
pF
1
+125oC, -55oC
-
51
pF
Input Capacitance
CIN
VCC = 5.0V, f = 1MHz
1
+25oC
-
10
pF
1
+125oC, -55oC
-
10
pF
Pulse Width Time
TW
VCC = 4.5V, VIH = 4.5V,
VIL = 0.0V
1
+25oC
-
16
ns
1
+125oC, -55oC
-
24
ns
Setup Time
TSU
VCC = 4.5V, VIH = 4.5V,
VIL = 0.0V
1
+25oC
-
12
ns
1
+125oC, -55oC
-
18
ns
Hold Time
TH
VCC = 4.5V, VIH = 4.5V,
VIL = 0.0V
1
+25oC
-
12
ns
1
+125oC, -55oC
-
18
ns
Output Transition
Time
TTHL,
TTLH
VCC = 4.5V, VIH = 4.5V,
VIL = 0.0V
1
+25oC15
ns
1
+125oC, -55oC22
ns
NOTE:
1. The parameters listed in Table 3 are controlled via design or process parameters. Min and Max Limits are guaranteed but not directly
tested. These parameters are characterized upon initial design release and upon design changes which affect these characteristics.
Spec Number
518625



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com