Electronic Components Datasheet Search
  English  ▼

X  

HA5022EVAL Datasheet(PDF) 2 Page - Intersil Corporation

Part # HA5022EVAL
Description  Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA5022EVAL Datasheet(HTML) 2 Page - Intersil Corporation

  HA5022EVAL Datasheet HTML 1Page - Intersil Corporation HA5022EVAL Datasheet HTML 2Page - Intersil Corporation HA5022EVAL Datasheet HTML 3Page - Intersil Corporation HA5022EVAL Datasheet HTML 4Page - Intersil Corporation HA5022EVAL Datasheet HTML 5Page - Intersil Corporation HA5022EVAL Datasheet HTML 6Page - Intersil Corporation HA5022EVAL Datasheet HTML 7Page - Intersil Corporation HA5022EVAL Datasheet HTML 8Page - Intersil Corporation HA5022EVAL Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Absolute Maximum Ratings
Thermal Information
Voltage Between V+ and V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11V
DC Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VSUPPLY
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8V
Output Current (Note 2) . . . . . . . . . . . . . . . . Short Circuit Protected
30mA Continuous
60mA
≤ 50% Duty Cycle
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7) . . . 600V
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note 1)
θ
JA (
oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
100
Maximum Junction Temperature (Die) . . . . . . . . . . . . . . . . . . . 175oC
Maximum Junction Temperature (Plastic Package) . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
2. Output is short circuit protected to ground. Brief short circuits to ground will not degrade reliability, however continuous (100% duty cycle) output
current must not exceed 30mA for maximum reliability.
Electrical Specifications
VSUPPLY = ±5V, AV = +1, RF = 560Ω, RS = 650Ω, RL = 100Ω, Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
(NOTE 3)
TEST
LEVEL
TEMP.
(oC)
MIN
TYP
MAX
UNITS
INPUT CHARACTERISTICS
Input Offset Voltage
A
25
-
2
5
mV
A
Full
-
3
8
mV
Average Input Offset Voltage Drift
B
Full
-
1
10
µV/oC
Input Offset Voltage
Common-Mode Rejection Ratio
∆VCM = ±1.8V
A
25
45
48
-
dB
∆VCM = ±1.8V
A
85
43
46
-
dB
∆VCM = ±1.2V
A
-40
43
46
-
dB
Input Offset Voltage
Power Supply Rejection Ratio
∆VPS = ±1.8V
A
25
48
52
-
dB
∆VPS = ±1.8V
A
85
46
50
-
dB
∆VPS = ±1.2V
A
-40
46
50
-
dB
Non-Inverting Input Bias Current
A
25
-
6
15
µA
A
Full
-
10
25
µA
Non-Inverting Input Bias Current Drift
B
Full
-
5
60
nA/oC
Non-Inverting Input Bias Current
Power Supply Sensitivity
∆VPS = ±1.8V
A
25
-
0.5
1
µA/V
∆VPS = ±1.8V
A
85
-
0.8
3
µA/V
∆VPS = ±1.2V
A
-40
-
0.8
3
µA/V
Non-Inverting Input Resistance
∆VCM = ±1.8V
A
25
0.8
2
-
M
Ω
∆VCM = ±1.8V
A
85
0.5
1.3
-
M
Ω
∆VCM = ±1.2V
A
-40
0.5
1.3
-
M
Ω
Inverting Input Bias Current
A
25
-
2
7.5
µA
A
Full
-
5
15
µA
Inverting Input Bias Current Drift
B
Full
-
60
200
nA/oC
Inverting Input Bias Current
Common-Mode Sensitivity
∆VCM = ±1.8V
A
25
-
3
6
µA/V
∆VCM = ±1.8V
A
85
-
4
8
µA/V
∆VCM = ±1.2V
A
-40
-
4
8
µA/V
Inverting Input Bias Current
Power Supply Sensitivity
∆VPS = ±1.8V
A
25
-
2
5
µA/V
∆VPS = ±1.8V
A
85
-
4
8
µA/V
∆VPS = ±1.2V
A
-40
-
4
8
µA/V
HFA1245



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com