Electronic Components Datasheet Search
  English  ▼

X  

KB521R Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # KB521R
Description  high bright AllnGaP red LED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

KB521R Datasheet(HTML) 1 Page - Hamamatsu Corporation

  KB521R Datasheet HTML 1Page - Hamamatsu Corporation KB521R Datasheet HTML 2Page - Hamamatsu Corporation KB521R Datasheet HTML 3Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AUK CORP.
KB464AR61 (KLB-521 R)
The contents of this data sheet are subject to change without advance notice for the purpose of improvement.
When using this product, would you please refer to the latest specifications.
Rev.O date: 08-AUG-11
AUK-LDM-001(A)
1. Descriptions
KB464AR61 (KLB-521 R) is a high bright AlInGaP red LED and has the optimized optical characteristics.
2. Features
◆
Transparent epoxy lens
◆
High Optical Output
◆
Typical Luminous Intensity(IV)
: 1.0cd for Red @ IF=20mA
3. Application
◆
Display
◆
Indicator
◆
Signage
◆
Auto Focus
◆
Amusement
4. Outline Dimensions and Material Descriptions
◆
Outline Dimensions


Similar Part No. - KB521R

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KB521B KODENSHI-KB521B Datasheet
264Kb / 3P
high bright InGaN blue LED
KB521G KODENSHI-KB521G Datasheet
274Kb / 3P
high bright InGaN Green LED
KB521O KODENSHI-KB521O Datasheet
279Kb / 4P
high bright AllnGaP orange LED
KB521P KODENSHI-KB521P Datasheet
274Kb / 3P
high bright pink color LED
More results

Similar Description - KB521R

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSL-LXA228SIC-TR11 LUMEX-SSL-LXA228SIC-TR11 Datasheet
53Kb / 1P
AXIAL LED, 636nm ALLNGAP RED LED
SSL-LXA228SIC-TR31 LUMEX-SSL-LXA228SIC-TR31 Datasheet
67Kb / 1P
636nm ALLNGAP RED AXIAL LEADED LED
logo
KODENSHI_AUK CORP.
KB521O KODENSHI-KB521O Datasheet
279Kb / 4P
high bright AllnGaP orange LED
logo
LUMEX INC.
SSL-LXA228SIC-TR11 LUMEX-SSL-LXA228SIC-TR11_17 Datasheet
90Kb / 1P
Axial LED 636mm AllnGap RED LED
SSI-LXR4915SID-150 LUMEX-SSI-LXR4915SID-150 Datasheet
67Kb / 1P
10mm, 636mm AllnGap RED LED PANEL INDICATOR
SSI-LXR5010SISUGW3 LUMEX-SSI-LXR5010SISUGW3 Datasheet
83Kb / 1P
T-5mm AllnGaP RED LED PANEL INDICATOR
logo
Lite-On Technology Corp...
LTST-C150KAKT LITEON-LTST-C150KAKT Datasheet
322Kb / 6P
Ultra bright AllnGaP Chip LED
LTST-C150KEKT LITEON-LTST-C150KEKT Datasheet
322Kb / 6P
Ultra bright AllnGaP Chip LED
LTST-C150KYKT LITEON-LTST-C150KYKT Datasheet
324Kb / 6P
Ultra bright AllnGaP Chip LED
LTST-C230KAKT LITEON-LTST-C230KAKT Datasheet
314Kb / 6P
Ultra bright AllnGap Chip LED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com