Electronic Components Datasheet Search
  English  ▼

X  

UPC1934 Datasheet(PDF) 18 Page - NEC

Part # UPC1934
Description  DC-DC CONVERTER CONTROL IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1934 Datasheet(HTML) 18 Page - NEC

Back Button UPC1934 Datasheet HTML 12Page - NEC UPC1934 Datasheet HTML 13Page - NEC UPC1934 Datasheet HTML 14Page - NEC UPC1934 Datasheet HTML 15Page - NEC UPC1934 Datasheet HTML 16Page - NEC UPC1934 Datasheet HTML 17Page - NEC UPC1934 Datasheet HTML 18Page - NEC UPC1934 Datasheet HTML 19Page - NEC UPC1934 Datasheet HTML 20Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Data Sheet G13567EJ3V0DS00
18
µµµµ PC1934
6.
RECOMMENDED SOLDERING CONDITIONS
Recommended solder conditions for this product are described below.
For details on recommended soldering conditions, refer to Information Document “Semiconductor Device Mounting
Technology Manual” (C10535E).
For soldering methods and conditions other than those recommended, consult NEC.
Surface Mount Type
µµµµ PC1934GR-1JG: 16-pin plastic SSOP (5.72 mm (225))
µµµµ PC1934GR-PJG: 16-pin plastic TSSOP (5.72 mm (225))
Soldering Method
Soldering Conditions
Symbol of Recommended
Conditions
Infrared reflow
Package peak temperature: 235 °C, Time: 30 seconds MAX. (210 °C MIN.),
Number of times: 3 MAX.
IR35-00-3
VPS
Package peak temperature: 215 °C, Time: 40 seconds MAX. (200 °C MIN.),
Number of times: 3 MAX.
VP15-00-3
Wave soldering
Soldering bath temperature: 260 °C MAX., Time: 10 seconds MAX.,
Number of times: 1,
Preheating temperature: 120 °C MAX. (package surface temperature)
WS60-00-1
Caution Do not use two or more soldering methods in combination.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com