Electronic Components Datasheet Search
  English  ▼

X  

2SC3734-3 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC3734-3
Description  NPN Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC3734-3 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC3734-3 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC3734-3 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SC3734-3 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
NPN Transistors
2SC3734
■
Features
●
High Speed: tstg
< 200ns
●
Complementary to 2SA1461
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
60
Collector - Emitter Voltage
VCEO
40
Emitter - Base Voltage
VEBO
6
Collector Current - Continuous
IC
200
mA
Collector Power Dissipation
PC
200
mW
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 to 150
V
℃
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100 μA, IE= 0
60
Collector- emitter breakdown voltage
VCEO
Ic= 1 mA, IB= 0
40
Emitter - base breakdown voltage
VEBO
IE= 100μA, IC= 0
6
Collector-base cut-off current
ICBO
VCB= 30V , IE= 0
0.1
Emitter cut-off current
IEBO
VEB= 5V , IC=0
0.1
Collector-emitter saturation voltage
*1
VCE(sat) IC=50 mA, IB=5mA
0.12
0.3
Base - emitter saturation voltage
*1
VBE(sat) IC=50 mA, IB=5mA
0.8
0.95
hFE(1)
VCE= 1V, IC= 10mA
75
200
300
hFE(2)
VCE= 1V, IC= 100mA
25
80
Turn-on time
ton
70
Storage time
tstg
100
200
Turn-off time
toff
250
Collector output capacitance
Cob
VCB= 5V, IE= 0,f=1MHz
3
4
pF
Transition frequency
fT
VCE= 20V, IE= -10mA
300
510
MHz
VCC=3V,IC=10mA,IB1=-IB2=1mA
ns
V
uA
V
DC current gain *1
*1 : Pulse :PW ≤ 350us,Duty Cycle ≤ 2℅
■
Classification of hfe(1)
Type
2SC3734-B22 2SC3734-B23 2SC3734-B24
Range
75-150
100-200
150-300
Marking
B22
B23
B24
0.4 +0.1
-0.1
2.9 +0.2
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.2
1
2
3
Unit: mm
SOT-23-3
1. Base
2. Emitter
3. Collector
0.15 +0.02
-0.02


Similar Part No. - 2SC3734-3

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3734-B22 KEXIN-2SC3734-B22 Datasheet
1Mb / 3P
NPN Transistors
2SC3734-B22-HF KEXIN-2SC3734-B22-HF Datasheet
1Mb / 3P
NPN Transistors
2SC3734-B23 KEXIN-2SC3734-B23 Datasheet
1Mb / 3P
NPN Transistors
2SC3734-B23-HF KEXIN-2SC3734-B23-HF Datasheet
1Mb / 3P
NPN Transistors
2SC3734-B24 KEXIN-2SC3734-B24 Datasheet
1Mb / 3P
NPN Transistors
More results

Similar Description - 2SC3734-3

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KST9013 KEXIN-KST9013 Datasheet
103Kb / 2P
NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
NPN Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com