Electronic Components Datasheet Search
  English  ▼

X  

UPC1943T Datasheet(PDF) 1 Page - NEC

Part # UPC1943T
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1943T Datasheet(HTML) 1 Page - NEC

  UPC1943T Datasheet HTML 1Page - NEC UPC1943T Datasheet HTML 2Page - NEC UPC1943T Datasheet HTML 3Page - NEC UPC1943T Datasheet HTML 4Page - NEC UPC1943T Datasheet HTML 5Page - NEC UPC1943T Datasheet HTML 6Page - NEC UPC1943T Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
1994, 2000
BIPOLAR ANALOG INTEGRATED CIRCUIT
µµµµ PC1943,1944
ADJUSTABLE PRECISION SHUNT REGULATORS
DATA SHEET
Document No. G10239EJ3V0DS00 (3rd edition)
(Previous No. IC-3454)
Date Published March 2000 NS CP (K)
Printed in Japan
The mark
shows major revised points.
DESCRIPTION
The
µ PC1943,1944 are adjustable precision shunt regulators with guaranteed thermal stability. The output voltage can
be set to any value between reference voltage (1.26 V) and 24 V by two external resistors.
These ICs can apply to error amplifier of switching regulators.
FEATURES
• Low voltage operation and High accuracy.
• Adjustable output voltage by two external resistors.
• Pin compatible to
µ PC1093.
VREF = 1.26 V
± 2.4 %
VREF
≤ VOUT ≤ 24 V
ORDERING INFORMATION
BLOCK DIAGRAM
Part Number
Package
µ PC1943T
µ PC1944T
µ PC1944J
µ PC1944GR
Power mini mold (SOT-89)
Power mini mold (SOT-89)
3-pin plastic SIP (TO-92)
8-pin plastic SOP (5.72 mm (225))
K
A
REF
PIN CONFIGURATION (Marking Side)
K
K
K: Cathode
NC
NC
NC
A
REF
K
A
A
REF
REF
REF: Reference
NC
A
A: Anode
NC
NC: No Connection
µPC1944J
3-pin plastic SIP (TO-92)
µPC1944GR
3-pin plastic SOP (5.72 mm (225))
µPC1943T
µPC1944T
Power mini mold (SOT-89)
1
1
2
2
3
3
45
6
7
8
K
A
A
REF
1
12
3
2
3


Similar Part No. - UPC1943T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC1943T RENESAS-UPC1943T Datasheet
312Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2000
UPC1943T-AZ RENESAS-UPC1943T-AZ Datasheet
312Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2000
More results

Similar Description - UPC1943T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
Adjustable precision shunt regulators
1997 Feb 25
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
Adjustable Precision Shunt Regulators
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
Adjustable Precision Shunt Regulators
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
ADJUSTABLE PRECISION SHUNT REGULATORS
Rev 3
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com