Electronic Components Datasheet Search
  English  ▼

X  

STK830F Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # STK830F
Description  Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

STK830F Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  STK830F Datasheet HTML 1Page - KODENSHI_AUK CORP. STK830F Datasheet HTML 2Page - KODENSHI_AUK CORP. STK830F Datasheet HTML 3Page - KODENSHI_AUK CORP. STK830F Datasheet HTML 4Page - KODENSHI_AUK CORP. STK830F Datasheet HTML 5Page - KODENSHI_AUK CORP. STK830F Datasheet HTML 6Page - KODENSHI_AUK CORP. STK830F Datasheet HTML 7Page - KODENSHI_AUK CORP. STK830F Datasheet HTML 8Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
KSD-T0O003-002
1
STK830F
Power MOSFET
S
Se
em
miic
co
on
nd
du
uc
ctto
or
r
SWITCHING REGULATOR APPLICATIONS
Features
• High Voltage: BVDSS=500V(Min.)
• Low Crss : Crss=8.4pF(Typ.)
• Low gate charge : Qg=17nC(Typ.)
• Low RDS(on) :RDS(on)=1.5Ω(Max.)
Ordering Information
Type NO.
Marking
Package Code
STK830F
STK830
TO-220F-3L
Outline Dimensions
unit : mm
9.80~10.20
Φ3.05~3.35
1.07 Min.
0.90 Max.
2.54 Typ.
2.54 Typ.
1
2
3
0.60 Max.
2.60~3.00
PIN Connections
1. Gate
2. Drain
3. Source


Similar Part No. - STK830F

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK830F AUK-STK830F Datasheet
504Kb / 8P
Advanced Power MOSFET
STK830FC AUK-STK830FC Datasheet
457Kb / 8P
Advanced Power MOSFET
More results

Similar Description - STK830F

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com