Electronic Components Datasheet Search
  English  ▼

X  

ADATE206 Datasheet(PDF) 1 Page - Analog Devices

Part # ADATE206
Description  500 MHz Dual DCL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE206 Datasheet(HTML) 1 Page - Analog Devices

  ADATE206_15 Datasheet HTML 1Page - Analog Devices ADATE206_15 Datasheet HTML 2Page - Analog Devices ADATE206_15 Datasheet HTML 3Page - Analog Devices ADATE206_15 Datasheet HTML 4Page - Analog Devices ADATE206_15 Datasheet HTML 5Page - Analog Devices ADATE206_15 Datasheet HTML 6Page - Analog Devices ADATE206_15 Datasheet HTML 7Page - Analog Devices ADATE206_15 Datasheet HTML 8Page - Analog Devices ADATE206_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
500 MHz Dual DCL
ADATE206
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006–2008 Analog Devices, Inc. All rights reserved.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
FEATURES
Driver, comparator, and active load
500 MHz toggle rate
Inhibit mode function
Dynamic clamps
Operating voltage range: −1.5 V to 6.5 V
Output voltage swing: 200 mV to 8 V
Four range adjustable slew rate
True/complement data mode bit
100-lead TQFP package, exposed pad
Low per channel power
1.4 W with load off
1.75 W with load programmed at 20 mA nominal
Low leakage (<10 nA) in High-Z mode
Driver
50 Ω output resistance
1 ns minimum pulse width for a 3 V step
Load: −35 mA to +35 mA maximum current range
APPLICATIONS
Automatic test equipment
Semiconductor test systems
Board test systems
Instrumentation and characterization equipment
GENERAL DESCRIPTION
The ADATE206 is a complete, single-chip solution that
performs the pin electronics functions of driver, comparator,
and active load (DCL) for ATE applications. The active load can
be powered down if not used.
The driver is a proprietary design that features three active
modes: data high mode, data low mode, and term mode, as
well as an inhibit state. The driver has low leakage (<10 nA) in
High-Z mode. The output voltage range is −1.5 V to +6.5 V to
accommodate a wide variety of test devices.
The ADATE206 supports four programmable Tr/Tf times for
applications where slower edge rates are required. The edge rate
selection is done via two static digital CMOS select bits. The
input data to the driver can be inverted using a single CMOS
logic bit. This feature can be used for system calibration or
applications where complement input data is needed.
FUNCTIONAL BLOCK DIAGRAM
VCC
(18, 19, 57, 58, 77, 78, 89, 98, 99)
DRIVER
1x
COMP_H
IOL
IOH
TEMP
GNDREF
VIOH
VIOL
VCOM
CVL
COMP_L_N
COMP_H_N
COMP_H_P
CVH
LDEN
VTEN
DR_EN_N
DR_EN_N_T
DR_EN_P_T
DR_EN_P
DR_DATA_N
DR_DATA_N_T
DR_DATA_P_T
DR_DATA_P
DR_INV
VIH
VIL
VIT
COMP_L_P
CLLM
DUT
CLAMPH
CLAMPL
TEMP SENSOR
(5 DIODES)
LOGIC
LOAD
LOGIC
7
69
8
68
9
67
6
70
81
95
88
11
66
10
65
22
54
23
53
24
52
25
51
26
50
27
49
28
48
29
47
15
61
14
62
4
72
3
73
2
74
31
45
91
85
32
44
13
63
COMP_L
34
42
35
41
90
86
1
75
NC
(30, 46)
SHIELDS
(80, 82, 94, 96)
ADATE206
VEE
(16, 17, 33, 43, 59, 60, 84, 87, 92)
GND
(5, 12, 20, 21, 36, 40, 55, 56, 64, 71, 76, 79, 83, 93, 97,100)
Figure 1.


Similar Part No. - ADATE206_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADATE206BSV AD-ADATE206BSV Datasheet
315Kb / 16P
500 MHz Dual DCL
1/06- Revision 0
More results

Similar Description - ADATE206_15

ManufacturerPart #DatasheetDescription
logo
NEC
UPB571C NEC-UPB571C Datasheet
178Kb / 4P
500 MHz DUAL-MODULUS PRESCAPER
logo
Analog Devices
ADATE205 AD-ADATE205 Datasheet
389Kb / 16P
250 MHz Dual DCL
1/06-Revision 0
ADATE206 AD-ADATE206 Datasheet
315Kb / 16P
500 MHz Dual DCL
1/06- Revision 0
ADATE302-02 AD-ADATE302-02 Datasheet
1Mb / 52P
500 MHz Dual Integrated DCL with Differential Drive/Receive, Level Setting DACs, and Per Pin PMU
REV. 0
ADATE205 AD-ADATE205_15 Datasheet
347Kb / 16P
250 MHz Dual DCL
REV. A
ADATE302-02 AD-ADATE302-02_17 Datasheet
1Mb / 59P
500 MHz Dual Integrated DCL
23-Feb-2017
ADATE304 AD-ADATE304_17 Datasheet
1Mb / 51P
200 MHz Dual Integrated DCL
10/2017-Rev. B to Rev. C
ADATE318 AD-ADATE318_17 Datasheet
1Mb / 81P
600 MHz Dual Integrated DCL
27-Jul-2017
ADATE320 AD-ADATE320 Datasheet
2Mb / 83P
1.25 GHz Dual Integrated DCL
23-Feb-2017
ADL5534 AD-ADL5534_14 Datasheet
410Kb / 16P
20 MHz to 500 MHz Dual IF Amplifier
2/14-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com