Electronic Components Datasheet Search
  English  ▼

X  

UPC1944T Datasheet(PDF) 3 Page - NEC

Part # UPC1944T
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1944T Datasheet(HTML) 3 Page - NEC

  UPC1944T Datasheet HTML 1Page - NEC UPC1944T Datasheet HTML 2Page - NEC UPC1944T Datasheet HTML 3Page - NEC UPC1944T Datasheet HTML 4Page - NEC UPC1944T Datasheet HTML 5Page - NEC UPC1944T Datasheet HTML 6Page - NEC UPC1944T Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Data Sheet G10239EJ3V0DS00
3
µµµµ PC1943,1944
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Cathode Voltage
VKA
VREF
24
V
Cathode Current
IK
110
30
mA
Total Power Dissipation
µ PC1943T
PT
45 (240Note)mW
µ PC1944T
45 (240Note)mW
µ PC1944J
83
mW
µ PC1944GR
57
mW
Operating Ambient Temperature
TA
−30
+85
°C
Operating Junction Temperature
TJ
−30
+100
°C
Note with 16 cm2
× 0.7 mm ceramic substrate.
Caution
The recommended operating range may be exceeded without causing any problems provided that the
absolute maximum ratings are not exceeded. However, if the device is operated in a way that exceeds
the recommended operating conditions, the margin between the actual conditions of use and the
absolute maximum ratings is small, and therefore thorough evaluation is necessary. The
recommended operating conditions do not imply that the device can be used with all values at their
maximum values.
ELECTRICAL CHARACTERISTICS (IK = 10 mA, TA = +25
°°°°C, unless otherwise specified.)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Reference Voltage
VREF
VKA = VREF
1.23
1.26
1.29
V
Reference Voltage Deviation
Over Temperature
∆ VREF
VKA = VREF, 0
°C ≤ TA ≤ 70 °C
± 5
± 30
mV
Reference Voltage Deviation
∆ VREF/∆ VKA | VREF | ≤ VKA ≤ 5V
2.7
mV/V
Over Cathode Voltage
5 V
≤ VKA ≤ 24V
2.0
mV/V
Reference Input Current
IREF
VKA = VREF, R1 = 10 k
Ω, R2 = ∞
2.0
4.0
µ A
Reference Input Current Deviation
Over Temperature
∆ IREF
VKA = VREF, 0
°C ≤ TA ≤ 70 °C,
R1 = 10 k
Ω, R2 = ∞
0.3
1.2
µ A
Minimum Cathode Current
IKmin
VKA = VREF,
∆ VREF = 2 %
0.16
1.0
mA
Off-state Cathode Current
IKoff
VKA = 24 V, VREF = 0 V
0.01
1.0
µ A
Dynamic Impedance
| ZKA |
VKA = VREF, f
≤ 1 kHz,
1 mA
≤ IK ≤ 30 mA
0.12
0.5
Ω



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com