Electronic Components Datasheet Search
  English  ▼

X  

ADATE207 Datasheet(PDF) 21 Page - Analog Devices

Part # ADATE207
Description  Quad Pin Timing Formatter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE207 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADATE207_15 Datasheet HTML 17Page - Analog Devices ADATE207_15 Datasheet HTML 18Page - Analog Devices ADATE207_15 Datasheet HTML 19Page - Analog Devices ADATE207_15 Datasheet HTML 20Page - Analog Devices ADATE207_15 Datasheet HTML 21Page - Analog Devices ADATE207_15 Datasheet HTML 22Page - Analog Devices ADATE207_15 Datasheet HTML 23Page - Analog Devices ADATE207_15 Datasheet HTML 24Page - Analog Devices ADATE207_15 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
ADATE207
Rev. 0 | Page 21 of 36
CONTROL AND STATUS REGISTERS
This section details the breakdown of the configuration and status registers in the ADATE207. An address map provides the locations of
all registers, and the detailed descriptions that follow show how each register is used.
Table 13. Address Map
Chip Address
Register Description
0x00
Comparator and Fail Status. Channel-specific address space.
0x01
Fail Counter Low.
0x02
Fail Counter High.
0x03
Static Configuration.
0x04
Dynamic Configuration.
0x05
Waveform/Calibration Memory Address.
0x06
Waveform D0 Vernier Delay and Action.
0x07
Waveform D0 Course Delay.
0x08
Waveform D1 Vernier Delay and Action.
0x09
Waveform D1 Course Delay.
0x0A
Waveform D2 Vernier Delay and Action.
0x0B
Waveform D2 Course Delay.
0x0C
Waveform D3 Vernier Delay and Action.
0x0D
Waveform D3 Course Delay.
0x0E
Calibration Memory D0.
0x0F
Calibration Memory D1.
0x10
Calibration Memory D2.
0x11
Calibration Memory D3.
0x12
DUT Data Selection.
0x13 to 0x18
Unused. Reserved.
0x19
Software Resets. Common register address space.
1x1A
Round Trip Delay Value.
0x1B
T0 Alignment Pipeline Depth.
0x1C
TMU Channel Select.
0x1D
Channel Multiplex Enable.
0x1E
Channel Status.
0x1F
Chip Information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com