Electronic Components Datasheet Search
  English  ▼

X  

ADAV803 Datasheet(PDF) 14 Page - Analog Devices

Part # ADAV803
Description  Audio Codec for Recordable DVD
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV803 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADAV803_15 Datasheet HTML 10Page - Analog Devices ADAV803_15 Datasheet HTML 11Page - Analog Devices ADAV803_15 Datasheet HTML 12Page - Analog Devices ADAV803_15 Datasheet HTML 13Page - Analog Devices ADAV803_15 Datasheet HTML 14Page - Analog Devices ADAV803_15 Datasheet HTML 15Page - Analog Devices ADAV803_15 Datasheet HTML 16Page - Analog Devices ADAV803_15 Datasheet HTML 17Page - Analog Devices ADAV803_15 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
ADAV803
Rev. A | Page 14 of 60
FREQUENCY (kHz)
0
–20
–40
–80
–100
–60
–120
–140
–160
0
8
16
24
32
40
48
DNR = 102dB
(A-WEIGHTED)
FREQUENCY (kHz)
0
–20
–40
–80
–100
–60
–120
–140
–160
0
8
16
24
32
40
48
THD+N = 92dB
(VIN = –3dB)
Figure 21. ADC Dynamic Range, fS = 96 kHz
Figure 22. ADC THD + N, fS = 96 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com