Electronic Components Datasheet Search
  English  ▼

X  

UPC1944 Datasheet(PDF) 5 Page - NEC

Part # UPC1944
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1944 Datasheet(HTML) 5 Page - NEC

  UPC1944 Datasheet HTML 1Page - NEC UPC1944 Datasheet HTML 2Page - NEC UPC1944 Datasheet HTML 3Page - NEC UPC1944 Datasheet HTML 4Page - NEC UPC1944 Datasheet HTML 5Page - NEC UPC1944 Datasheet HTML 6Page - NEC UPC1944 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Data Sheet G10239EJ3V0DS00
5
µµµµ PC1943,1944
0
20406080
100 120
1.0
−20
0
2.0
3.0
4.0
VKA = VREF, IK = 10 mA,
R1 = 10 k
Ω, R2 =
∞
TA - Operating Ambient Temperature -
°C
IREF vs TA
0
20406080
100 120
−20
0
0.1
0.2
VKA = 24 V
VREF = 0 V
TA - Operating Ambient Temperature -
°C
IKoff vs TA
1k
10k
100k
1M
10M
0
−20
20
40
60
−90
−180
−270
0
+90
f - Frequency - Hz
Av,
vs f
φ
220
Ω
10 k
Ω
IK
10 k
Ω
(IK = 10 mA)
υo
υin
Av
φ
1k
10k
100k
1M
10M
1.0
0.1
10
50
f - Frequency - Hz
| ZKA | vs f
VKA = VREF
1mA
≤ IK ≤ 30 mA
0.001
0.01
0.1
1
10
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
CKA - Lode Capacitance -
F
Stability Area
Test Circuit
a:
b, c:
CKA: Monolithic Ceramic Capacitor
a
b
c
a: VKA = VREF
b: VKA = 3 V
c: VKA = 5 V
Unstable
Stable
Stable
µ
150
Ω
IKA
CKA
CKA
150
Ω
10 k
Ω
R
IKA
Caution of Stability Area
If the Aluminum electrolytic capacitor is used, it should be kept CKA
≥ 6.8
µ F. When using plural different types of
capacitors, each capacitor is needed to be stable independently.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com