Electronic Components Datasheet Search
  English  ▼

X  

UPC1944 Datasheet(PDF) 9 Page - NEC

Part # UPC1944
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1944 Datasheet(HTML) 9 Page - NEC

  UPC1944 Datasheet HTML 1Page - NEC UPC1944 Datasheet HTML 2Page - NEC UPC1944 Datasheet HTML 3Page - NEC UPC1944 Datasheet HTML 4Page - NEC UPC1944 Datasheet HTML 5Page - NEC UPC1944 Datasheet HTML 6Page - NEC UPC1944 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 9 / 7 page
background image
Data Sheet G10239EJ3V0DS00
9
µµµµ PC1943,1944
RECOMMENDED SOLDERING CONDITIONS
When soldering these products, there are highly recommended to observe the conditions as shown below.
If other soldering processes are used, or if the soldering is performed under different conditions, please make sure to
consult with our sales offices.
For more details, refer to our document “Semiconductor Device Mounting Technology Manual” (C10535E).
Type of Surface Mount Device
µµµµ PC1943T, 1944T : Power mini mold (SOT-89)
Process
Conditions
Symbol
Infrared ray reflow
Peak temperature: 235
°C or below (Package surface temperature),
Reflow time: 30 seconds or less (at 210
°C or higher),
Maximum number of reflow processes: 2 times.
IR35-00-2
VPS
Peak temperature: 215
°C or below (Package surface temperature),
Reflow time: 40 seconds or less (at 200
°C or higher),
Maximum number of reflow processes: 2 times.
VP15-00-2
Wave soldering
Solder temperature: 260
°C or below, Flow time: 10 seconds or less,
Maximum number of flow processes: 1 time,
Pre-heating temperature: 120
°C or below (Package surface temperature).
WS60-00-1
Caution Apply only one kind of soldering condition to a device, or the device will be damaged by heat stress.
µµµµ PC1944GR : 8-pin plastic SOP (5.72 mm (225))
Process
Conditions
Symbol
Infrared ray reflow
Peak temperature: 235
°C or below (Package surface temperature),
Reflow time: 30 seconds or less (at 210
°C or higher),
Maximum number of reflow processes: 1 time.
IR35-00-1
VPS
Peak temperature: 215 °C or below (Package surface temperature),
Reflow time: 40 seconds or less (at 200
°C or higher),
Maximum number of reflow processes: 1 time.
VP15-00-1
Wave soldering
Solder temperature: 260
°C or below, Flow time: 10 seconds or less,
Maximum number of flow processes: 1 time,
Pre-heating temperature: 120
°C or below (Package surface temperature).
WS60-00-1
Caution Apply only one kind of soldering condition to a device, or the device will be damaged by heat stress.
Type of Through-hole Device
µµµµ PC1944J : 3-pin plastic SIP (TO-92)
Process
Conditions
Wave soldering (only to leads)
Solder temperature: 260
°C or below, Flow time: 10 seconds or less.
Caution For through-hole device, the wave soldering process must be applied only to leads, and make sure
that the package body does not get jet soldered.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com