Electronic Components Datasheet Search
  English  ▼

X  

UPC2539 Datasheet(PDF) 7 Page - NEC

Part # UPC2539
Description  RDS DATA DEMODULATOR IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2539 Datasheet(HTML) 7 Page - NEC

  UPC2539 Datasheet HTML 1Page - NEC UPC2539 Datasheet HTML 2Page - NEC UPC2539 Datasheet HTML 3Page - NEC UPC2539 Datasheet HTML 4Page - NEC UPC2539 Datasheet HTML 5Page - NEC UPC2539 Datasheet HTML 6Page - NEC UPC2539 Datasheet HTML 7Page - NEC UPC2539 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
µPC2539
7
PACKAGE DRAWING
ITEM
MILLIMETERS
INCHES
A
B
C
E
F
G
H
I
J
15.54 MAX.
1.27 (T.P.)
1.8 MAX.
1.55
7.7±0.3
0.78 MAX.
0.12
1.1
5.6
M
0.1±0.1
N
0.612 MAX.
0.031 MAX.
0.004±0.004
0.071 MAX.
0.061
0.303±0.012
0.220
0.043
0.005
0.050 (T.P.)
P24GM-50-300B-4
P3
°
3
°
+7
°
NOTE
Each lead centerline is located within 0.12 mm (0.005 inch) of
its true position (T.P.) at maximum material condition.
D
0.40
0.016
+0.10
–0.05
K
0.20
0.008
+0.10
–0.05
L
0.6±0.2
0.024
0.10
–3
°
+7
°
–3
°
0.004
+0.008
–0.009
+0.004
–0.002
+0.004
–0.003
A
C
D
detail of lead end
B
H
I
L
M
J
N
M
112
13
24
24 PIN PLASTIC SOP (300 mil)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com